Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72205S0600K101 Datasheet(PDF) 10 Page - EPCOS

Part # B72205S0600K101
Description  Leaded Varistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72205S0600K101 Datasheet(HTML) 10 Page - EPCOS

Back Button B72205S0600K101 Datasheet HTML 6Page - EPCOS B72205S0600K101 Datasheet HTML 7Page - EPCOS B72205S0600K101 Datasheet HTML 8Page - EPCOS B72205S0600K101 Datasheet HTML 9Page - EPCOS B72205S0600K101 Datasheet HTML 10Page - EPCOS B72205S0600K101 Datasheet HTML 11Page - EPCOS B72205S0600K101 Datasheet HTML 12Page - EPCOS B72205S0600K101 Datasheet HTML 13Page - EPCOS B72205S0600K101 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
168 04/02
S10K510
B72210S0511K101
510
670
2500
55,0
0,40
S14K510
B72214S0511K101
510
670
4500
110,0
0,60
S20K510
B72220S0511K101
510
670
6500
190,0
1,00
S10K550
B72210S0551K101
550
745
2500
60,0
0,40
S14K550
B72214S0551K101
550
745
4500
120,0
0,60
S20K550
B72220S0551K101
550
745
6500
210,0
1,00
S10K625
B72210S0621K101
625
825
2500
68,0
0,40
S14K625
B72214S0621K101
625
825
4500
130,0
0,60
S20K625
B72220S0621K101
625
825
6500
230,0
1,00
S10K680
B72210S0681K101
680
895
2500
72,0
0,40
S14K680
B72214S0681K101
680
895
4500
140,0
0,60
S20K680
B72220S0681K101
680
895
6500
250,0
1,00
S14K10001)
B72214S0102K101
1100
1465
4500
230,0
0,60
S20K10001)
B72220S0102K101
1100
1465
6500
410,0
1,00
Characteristics (TA = 25 °C)
Type
(untaped)
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage
Ctyp
(1 kHz)
pF
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
S10K510
820
± 10
1355
25,0
110
249
276
S14K510
820
± 10
1355
50,0
180
250
277
S20K510
820
± 10
1355
100,0
340
253
278
S10K550
910
± 10
1500
25,0
105
249
276
S14K550
910
± 10
1500
50,0
170
250
277
S20K550
910
± 10
1500
100,0
320
253
278
S10K625
1000
± 10
1650
25,0
90
249
276
S14K625
1000
± 10
1650
50,0
150
250
277
S20K625
1000
± 10
1650
100,0
280
253
278
S10K680
1100
± 10
1815
25,0
85
249
276
S14K680
1100
± 10
1815
50,0
140
250
277
S20K680
1100
± 10
1815
100,0
250
253
278
S14K10001)
1800
± 10
2970
50,0
100
250
277
S20K10001)
1800
± 10
2970
100,0
170
253
278
Maximum ratings (TA = 85 °C)
Type
(untaped)
SIOV-
Ordering code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
1) Operating voltage differs from type designation.
StandarD Series
Leaded Varistors


Similar Part No. - B72205S0600K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0600K101 EPCOS-B72205S0600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72205S0600K101 EPCOS-B72205S0600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72205S0600K101 EPCOS-B72205S0600K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
logo
TDK Electronics
B72205S0600K101 TDK-B72205S0600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72205S0600K101 EPCOS-B72205S0600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results

Similar Description - B72205S0600K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72214P2131K101 EPCOS-B72214P2131K101 Datasheet
361Kb / 15P
   Leaded varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com