Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FU-650SDF-FW1M13 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FU-650SDF-FW1M13
Description  1.5 關m CWDM DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-650SDF-FW1M13 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FU-650SDF-FW1M13 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-650SDF-FW1M13 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-650SDF-FW1M13 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-650SDF-FW1M13 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-650SDF-FW1M13 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MAY06
(3/5)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI CONFIDENTIAL
MITSUBISHI (OPTICAL DEVICES)
FU-650SDF-FW1Mxx
1.5
μm CWDM DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
DOCUMENTATION
• Threshold current (Ith) at Tc=25, 75°C
• Operating current (Iop) at Tc=25, 75°C
• Operating voltage (Vop) at Tc=25°C
• Light-emission central wavelength (λc) at Tc=25°C
• Monitor current (Imon) at Tc=25°C
• Optical output power from fiber end (Pf)
TYPE NUMBER INFORMATION
FU-650SDF-FW1M x x
Wavelength: Please see ELECTRICAL/OPTICAL CHARACTERISTICS table.
Flange type:
1 : With horizontal flange
3 : Without flange


Similar Part No. - FU-650SDF-FW1M13

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-650SDF-FW41M11 MITSUBISHI-FU-650SDF-FW41M11 Datasheet
82Kb / 4P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FW41M12 MITSUBISHI-FU-650SDF-FW41M12 Datasheet
82Kb / 4P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FW41M13 MITSUBISHI-FU-650SDF-FW41M13 Datasheet
82Kb / 4P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FW41M14 MITSUBISHI-FU-650SDF-FW41M14 Datasheet
82Kb / 4P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FW41M15 MITSUBISHI-FU-650SDF-FW41M15 Datasheet
82Kb / 4P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results

Similar Description - FU-650SDF-FW1M13

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-450SDF-FW1M2 MITSUBISHI-FU-450SDF-FW1M2 Datasheet
63Kb / 3P
   1.31 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FX49MXX MITSUBISHI-FU-650SDF-FX49MXX Datasheet
83Kb / 5P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X8YYMZZF MITSUBISHI-FU-68SDF-X8YYMZZF Datasheet
149Kb / 6P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FW41MX MITSUBISHI-FU-650SDF-FW41MX Datasheet
82Kb / 4P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X3MYF MITSUBISHI-FU-68SDF-X3MYF Datasheet
156Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X31MYYF MITSUBISHI-FU-68SDF-X31MYYF Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M2F MITSUBISHI-FU-653SEA-X1M2F Datasheet
88Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M6F MITSUBISHI-FU-653SEA-X1M6F Datasheet
110Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X2MYYF MITSUBISHI-FU-653SEA-X2MYYF Datasheet
134Kb / 5P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-436SDF-F1M1 MITSUBISHI-FU-436SDF-F1M1 Datasheet
50Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com