Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS802UG4 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS802UG4
Description  12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS802UG4 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS802UG4 Datasheet HTML 1Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ADS802
3
SBAS039B
www.ti.com
ADS802U
PARAMETER
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, and Sampling Rate = 10MHz, and with a 50% duty cycle clock having a 2ns rise-and-fall time, unless otherwise noted.
DYNAMIC CHARACTERISTICS (Cont.)
2-Tone Intermodulation Distortion (IMD)(3)
f = 4.4MHz and 4.5MHz (–7dBFS each tone)
+25
°C
–65
dBc
Full
–64
dBc
Signal-to-Noise Ratio (SNR)
f = 500kHz (–1dBFS input)
+25
°C65
67
dB
Full
64
67
dB
f = 5MHz (–1dBFS input)
+25
°C64
66
dB
Full
62
66
dB
Signal-to-(Noise + Distortion) (SINAD)
f = 500kHz (–1dBFS input)
+25
°C63
66
dB
Full
61
65
dB
f = 5MHz (–1dBFS input)
+25
°C61
63
dB
Full
60
62
dB
Differential Gain Error
NTSC or PAL
+25
°C
0.5
%
Differential Phase Error
NTSC or PAL
+25
°C
0.1
Degrees
Aperture Delay Time
+25
°C2
ns
Aperture Jitter
+25
°C
7
ps rms
Over-Voltage Recovery Time(4)
1.5x Full-Scale Input
+25
°C2
ns
OUTPUTS
Logic Family
TTL/HCT Compatible CMOS
Logic Coding
Logic Selectable
SOB or BTC
Logic Levels
Logic LOW
Full
0
0.4
V
Logic HIGH
Full
2.0
+VS
V
3-State Enable Time
Full
20
40
ns
3-State Disable Time
Full
2
10
ns
POWER-SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
Full
+4.75
+5.0
+5.25
V
Supply Current: +IS
Operating
+25
°C50
62
mA
Operating
Full
52
62
mA
Power Consumption
Operating
+25
°C
250
310
mW
Operating
Full
260
310
mW
Thermal Resistance,
θ
JA
SO-28
75
°C/W
NOTES: (1) dBFS refers to dB below Full-Scale. (2) Percentage accuracies are referred to the internal A/D converter Full-Scale Range of 4Vp-p. (3) IMD is referred
to the larger of the two input signals. If referred to the peak envelope signal (
≈0dB), the intermodulation products will be 7dB lower. (4) No “rollover” of bits.


Similar Part No. - ADS802UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADS8028 TI1-ADS8028 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028IRTJR TI-ADS8028IRTJR Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADS8028IRTJT TI-ADS8028IRTJT Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
More results

Similar Description - ADS802UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADC603 BURR-BROWN-ADC603 Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com