Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS802UG4 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS802UG4
Description  12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS802UG4 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS802UG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 9Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 10Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 11Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 12Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 13Page - Burr-Brown (TI) ADS802UG4 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ADS802
10
SBAS039B
www.ti.com
OUTPUT CODE
SOB
BTC
PIN 19
PIN 19
DIFFERENTIAL INPUT(1)
FLOATING or LOW
HIGH
+FS (IN = +3.25V, IN = +1.25V)
111111111111
011111111111
+FS – 1LSB
111111111111
011111111111
+FS – 2LSB
111111111110
011111111110
+3/4 Full-Scale
111000000000
011000000000
+1/2 Full-Scale
110000000000
010000000000
+1/4 Full-Scale
101000000000
001000000000
+1LSB
100000000001
000000000001
Bipolar Zero (IN = IN = +2.25V)
100000000000
000000000000
–1LSB
011111111111
111111111111
–1/4 Full-Scale
011000000000
111000000000
–1/2 Full-Scale
010000000000
110000000000
–3/4 Full-Scale
001000000000
101000000000
–FS + 1LSB
000000000001
100000000001
–FS (IN = +1.25V, IN = +3.25V)
000000000000
100000000000
NOTE: (1) In the single-ended input mode, +FS = +4.25V and –FS = +0.25V.
TABLE I. Coding Table for the ADS802.
align it with the data created from the following quantizer
stages. This aligned data is fed into a digital error correction
circuit that can adjust the output data based on the informa-
tion found on the redundant bits. This technique gives the
ADS802 excellent differential linearity and ensures no miss-
ing codes at the 12-bit level.
Since there are two pipeline stages per external clock cycle,
there is a 6.5 clock cycle data latency from the start convert
signal to the valid output data. The output data is available in
Straight Offset Binary (SOB) or Binary Two’s Complement
(BTC) format.
THE ANALOG INPUT AND INTERNAL REFERENCE
The analog input of the ADS802 can be configured in various
ways and driven with different circuits, depending on the
nature of the signal and the level of performance desired.
The ADS802 has an internal reference that sets the full-scale
input range of the A/D converter. The differential input range
has each input centered around the common-mode of +2.25V,
with each of the two inputs having a full-scale range of
+1.25V to +3.25V. Since each input is 2Vp-p and 180
° out-
of-phase with the other, a 4V differential input signal to the
quantizer results. As shown in Figure 3, the positive full-scale
reference (REFT) and the negative full-scale (REFB) are
brought out for external bypassing. In addition, the common-
mode voltage (CM) may be used as a reference to provide
the appropriate offset for the driving circuitry. However, care
must be taken not to appreciably load this reference node.
For more information regarding external references, single-
ended input, and ADS802 drive circuits, refer to the applica-
tions section.
FIGURE 3. Internal Reference Structure.
CLOCK REQUIREMENTS
The CLK pin accepts a CMOS level clock input. The rising
and falling edges of the externally applied convert command
clock controls the various interstage conversions in the
pipeline. Therefore, the duty cycle of the clock should be held
at 50% with low jitter and fast rise-and-fall times of 2ns or
less. This is particularly important when digitizing a high-
frequency input and operating at the maximum sample rate.
Deviation from a 50% duty cycle will effectively shorten some
of the interstage settling times, thus degrading the SNR and
DNL performance.
DIGITAL OUTPUT DATA
The 12-bit output data is provided at CMOS logic levels. The
standard output coding is Straight Offset Binary (SOB) where
a full-scale input signal corresponds to all “1s” at the output,
as shown in Table I. This condition is met with pin 19 “LO” or
Floating due to an internal pull-down resistor. By applying a
logic “HI” voltage to this pin, a Binary Two’s Complement
(BTC) output will be provided where the most significant bit
is inverted. The digital outputs of the ADS802 can be set to
a high-impedance state by driving OE (pin 18) with a logic
“HI”. Normal operation is achieved with pin 18 “LO” or floating
due to internal pull-down resistors. This function is provided
for testability purposes and is not meant to drive digital buses
directly, or be dynamically changed during the conversion
process.
APPLICATIONS
DRIVING THE ADS802
The ADS802 has a differential input with a common-mode of
+2.25V. For AC-coupled applications, the simplest way to
create this differential input is to drive the primary winding of
a transformer with a single-ended input. A differential output is
created on the secondary if the center tap is tied to the
common-mode voltage of +2.25V, as in Figure 4. This trans-
FIGURE 4. AC-Coupled Single-Ended to Differential Drive
Circuit Using a Transformer.
+1.25V
+3.25V
2k
2k
0.1
µF
0.1
µF
+2.25V
REFT
REFB
CM
ADS802
To
Internal
Comparators
21
22
23
Mini-Circuits
T T1-6-KK81
or Equivalent
22
26
27
CM
IN
IN
ADS802
ac Input
Signal
22pF
22pF
0.1
µF


Similar Part No. - ADS802UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADS8028 TI1-ADS8028 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028IRTJR TI-ADS8028IRTJR Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADS8028IRTJT TI-ADS8028IRTJT Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
More results

Similar Description - ADS802UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADC603 BURR-BROWN-ADC603 Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com