Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FU-68SDF-V02M21F Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FU-68SDF-V02M21F
Description  1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-68SDF-V02M21F Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FU-68SDF-V02M21F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-68SDF-V02M21F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-68SDF-V02M21F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-68SDF-V02M21F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-68SDF-V02M21F Datasheet HTML 5Page - Mitsubishi Electric Semiconductor FU-68SDF-V02M21F Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FEB06
(2/6)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI (OPTICAL DEVICES)
FU-68SDF-x8yyMzzF
1.55
μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
ELECTRICAL/OPTICAL CHARACTERISTICS (Tld=Tset, Tc=25
°C unless otherwise noted)
Limits
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
-x802MzzF
2
Optical output
P0
CW,If=Iop
-x810MzzF
10
mW
Threshold current
Ith
CW
-
10
25
mA
-x802MzzF
-
-
100
Optical output power
at threshold current
Pth
CW, If=Ith
-x810MzzF
-
-
150
μW
-x802MzzF
-
40
65
Operating current
Iop
CW, Pf=P0
-x810MzzF
-
50
95
mA
Operating voltage
Vop
CW, Pf=P0
-
1.3
1.8
V
Input impedance
Zin
Pf= P0
-
25
-
Ω
Light-emission central
wavelength
λc
(Note 2)
See Ordering Information
and Table 1
nm
Central wavelength drift with
case temp.
Δλc/ΔTc
Tc=-20~70
°C
-1
-
0
pm/
°C
Laser operating temperature
Tset
-
20
-
35
°C
Spectral width
Δλ
(Note 2), -20dB
-
0.2
0.4
nm
Side mode suppression ratio
Sr
(Note 2)
33
40
-
dB
Dispersion penalty
Pp
(Note 2), at 10
-10 BER,
+1800ps/nm
-
-
2
dB
Cutoff frequency
(-1.5dB optical)
fc
Pf= P0
3.5
-
-
GHz
Rise and fall time (10~90%)
tr, tf
(Note 2)
-
-
150
psec
Relative intensity noise
Nr
CW, Pf= P0, f =0.5~3GHz
-
-155
-145
dB/Hz
Tracking error
Er
Tc=-20~70
°C, APC, ATC
(Note 3)
-
-
0.5
dB
-x802MzzF
0.057
0.07
0.15
Differential efficiency
η
CW
Pf= P0
-x810MzzF
0.15
0.25
0.35
mW/m
A
Linearity
Δη
CW, Pf= P0 x0.1~ P0x1.2
(Note 4)
-20
-
20
%
-x802MzzF
0.1
-
2
Monitor current
Imon
CW, Pf= P0
Vrd=5V
-x810MzzF
0.2
-
3
mA
Tc=25°C
35
-
-
Optical isolation
Iso
Tc=-20~70
°C
23
-
-
dB
Dark current (PD)
Id
Vrd=5V, Tc=-20~70
°C
-
-
0.1
μA
Capacitance (PD)
Ct
Vrd=5V, f=1MHz
-
-
10
pF
Note 2) 2.48832Gb/s NRZ, 2
23-1, Pf_ave= P
0 x 0.5, Extinction ratio 10dB, optical return loss of the connectors should be
greater than 40dB in order to ensure the specified performance.
Note 3) Er=max|10
×log(Pf / Pf@25°C)|
Note 4) Variation of the differential efficiency from the straight line between P0 x0.1~ P0x1.2
THERMAL CHARACTERISTICS (Tld=Tset, Tc=-20~70°C)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Thermistor resistance
Rth
Tld=25°C
9.5
10
10.5
k
Ω
B constant of Rth
B
-
-
3950
-
K
Cooling capacity
ΔT
Pf= P0, Tc=70°C
50
-
-
°C
Cooler current
Ipe
Pf= P0, Tc=70°C, Tld=Tset
-
0.6
1
A
Cooler voltage
Vpe
Pf= P0, Tc=70°C, Tld=Tset
-
1.2
2
V


Similar Part No. - FU-68SDF-V02M21F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68SDF-V31M59F MITSUBISHI-FU-68SDF-V31M59F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-V31M63F MITSUBISHI-FU-68SDF-V31M63F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-V31M67F MITSUBISHI-FU-68SDF-V31M67F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-V31M71F MITSUBISHI-FU-68SDF-V31M71F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-V31M75F MITSUBISHI-FU-68SDF-V31M75F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results

Similar Description - FU-68SDF-V02M21F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-650SDF-FW41MX MITSUBISHI-FU-650SDF-FW41MX Datasheet
82Kb / 4P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FX49MXX MITSUBISHI-FU-650SDF-FX49MXX Datasheet
83Kb / 5P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M2F MITSUBISHI-FU-653SEA-X1M2F Datasheet
88Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X2MYYF MITSUBISHI-FU-653SEA-X2MYYF Datasheet
134Kb / 5P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M6F MITSUBISHI-FU-653SEA-X1M6F Datasheet
110Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-XW5M1 MITSUBISHI-FU-650SDF-XW5M1 Datasheet
82Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-636SDF-F1M1 MITSUBISHI-FU-636SDF-F1M1 Datasheet
45Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SDF MITSUBISHI-FU-627SDF Datasheet
48Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SDF-FX1 MITSUBISHI-FU-627SDF-FX1 Datasheet
66Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com