Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS410T-SN Datasheet(PDF) 4 Page - Microchip Technology

Part # HCS410T-SN
Description  KEELOQ짰 Code Hopping Encoder and Transponder
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410T-SN Datasheet(HTML) 4 Page - Microchip Technology

  HCS410T-SN Datasheet HTML 1Page - Microchip Technology HCS410T-SN Datasheet HTML 2Page - Microchip Technology HCS410T-SN Datasheet HTML 3Page - Microchip Technology HCS410T-SN Datasheet HTML 4Page - Microchip Technology HCS410T-SN Datasheet HTML 5Page - Microchip Technology HCS410T-SN Datasheet HTML 6Page - Microchip Technology HCS410T-SN Datasheet HTML 7Page - Microchip Technology HCS410T-SN Datasheet HTML 8Page - Microchip Technology HCS410T-SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
HCS410
DS40158E-page 4
Preliminary
 2001 Microchip Technology Inc.
1.3
KEELOQ IFF
The HCS410 can be used as an IFF transponder for
verification of a token. In IFF mode the HCS410 is ide-
ally suited for authentication of a key before disarming
a vehicle immobilizer. Once the key has been inserted
in the car’s ignition the decoder would inductively poll
the key validating it before disarming the immobilizer.
IFF validation of the token involves a random challenge
being sent by a decoder to a token. The token then
generates a response to the challenge and sends this
response to the decoder (Figure 1-2). The decoder cal-
culates an expected response using the same chal-
lenge. The expected response is compared to the
response received from the token. If the responses
match, the token is identified as a valid token and the
decoder can take appropriate action.
The HCS410 can do either 16 or 32-bit IFF. The
HCS410 has two encryption algorithms that can be
used to generate a response to a challenge. In addition
there are up to two encoder keys that can be used by
the HCS410. Typically each HCS410 will be pro-
grammed with a unique encoder key(s).
In IFF mode, the HCS410 will wait for a command from
the base station and respond to the command. The
command can either request a read/write from user
EEPROM or an IFF challenge response. A given 16 or
32-bit challenge will produce a unique 16/32-bit
response, based on the IFF key and IFF algorithm
used.
FIGURE 1-2:
BASIC OPERATION OF AN IFF TOKEN
IFF Key
Serial Number
KEELOQ
IFF
Algorithm
Serial Number
EEPROM Array
Challenge Received from Decoder
Response
Read by Decoder


Similar Part No. - HCS410T-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410 Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS410 MICROCHIP-HCS410 Datasheet
395Kb / 28P
   Memory Programming Specification
2004
HCS410 MICROCHIP-HCS410 Datasheet
1Mb / 46P
   KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
2011
HCS410-IP MICROCHIP-HCS410-IP Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS410-ISN MICROCHIP-HCS410-ISN Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
More results

Similar Description - HCS410T-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS412 MICROCHIP-HCS412_11 Datasheet
1Mb / 52P
   KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
   KEELOQ짰 Code Hopping Encoder
2001
HCS473 MICROCHIP-HCS473 Datasheet
1Mb / 68P
   Code Hopping Encoder and Transponder
2002
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
   KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS412 MICROCHIP-HCS412 Datasheet
704Kb / 44P
   KEELOQ Code Hopping Encoder and Transponder
2002
HCS410 MICROCHIP-HCS410 Datasheet
259Kb / 36P
   KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
   KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS410 MICROCHIP-HCS410_11 Datasheet
1Mb / 46P
   KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
2011
HCS320 MICROCHIP-HCS320_11 Datasheet
740Kb / 38P
   KEELOQ짰 Code Hopping Encoder Automatic code word completion
2011
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
   KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com