Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41853W7128M001 Datasheet(PDF) 7 Page - EPCOS

Part # B41853W7128M001
Description  Single-ended capacitors
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41853W7128M001 Datasheet(HTML) 7 Page - EPCOS

Back Button B41853W7128M001 Datasheet HTML 3Page - EPCOS B41853W7128M001 Datasheet HTML 4Page - EPCOS B41853W7128M001 Datasheet HTML 5Page - EPCOS B41853W7128M001 Datasheet HTML 6Page - EPCOS B41853W7128M001 Datasheet HTML 7Page - EPCOS B41853W7128M001 Datasheet HTML 8Page - EPCOS B41853W7128M001 Datasheet HTML 9Page - EPCOS B41853W7128M001 Datasheet HTML 10Page - EPCOS B41853W7128M001 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 20 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (for d
× l = 10 × 20 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 50 V DC
470
12.5
× 20
0.781
0.323
0.098
0.085
1170
1521
B41853W6477M***
560
12.5
× 25
0.715
0.271
0.089
0.078
1500
1950
B41853W6567M***
680
16
× 20
0.666
0.223
0.083
0.075
1350
1755
B41853W6687M***
820
18
× 20
0.537
0.185
0.067
0.060
1850
2405
B41853W6827M***
1000
18
× 20
0.537
0.152
0.067
0.060
1850
2405
B41853W6108M***
1200
18
× 25
0.399
0.126
0.050
0.045
2200
2860
B41853W6128M***
1500
18
× 31.5 0.373
0.101
0.047
0.042
2600
3380
B41853W6158M***
1800
18
× 31.5 0.373
0.084
0.047
0.042
2600
3380
B41853W6188M***
2200
18
× 35
0.318
0.080
0.040
0.036
2900
3770
B41853R6228M***
2700
18
× 40
0.224
0.065
0.028
0.026
3500
4550
B41853W6278M***
B41853
For airbag applications
105
°C
Page 7 of 24
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41853W7128M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41853 EPCOS-B41853 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B41853A5108A001 EPCOS-B41853A5108A001 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B41853A5108A012 EPCOS-B41853A5108A012 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B41853A5109A000 EPCOS-B41853A5109A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
More results

Similar Description - B41853W7128M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com