Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0813-1X4T-23 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0813-1X4T-23
Description  INTEGRATED CONNECTOR MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0813-1X4T-23 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0813-1X4T-23 Datasheet HTML 1Page - Bel Fuse Inc. 0813-1X4T-23 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2001 Bel Fuse Inc.
Specifications subject to change without notice. 08.01
BM01813
Gigabit belStick™
INTEGRATED CONNECTOR MODULES
ELECTRICAL SPECIFICATIONS AT 25° C
page 1
SCHEMATIC
RJ45
1CT : 1CT
1CT : 1CT
1CT : 1CT
1CT : 1CT
Shield
1
2
3
6
4
5
7
8
11
12
10
6
4
5
7
8
9
3
1
2
Chip Side
Line Side
1000pF
2kV
75
x 4
Quad port shielded RJ-45 connector with integrated
Gigabit Ethernet magnetics
Compatible with a variety of Gigabit Ethernet
transceiver ICs and 10/100Base-TX transceiver ICs
Operating temperature 0° to +70° C
Storage temperature -40° to +85° C
Complies with IEEE 802.3ab standards and all Gigabit
Ethernet specifications
Integrated design conserves valuable board space
Minimum interwinding breakdown voltage of 1500 Vrms
Adaptable, modular design provides higher reliability
r
e
b
m
u
N
t
r
a
P
s
s
o
L
n
o
i
t
r
e
s
n
I
x
a
m
B
d
s
s
o
L
n
r
u
t
e
R
n
i
m
B
d
o
t
n
o
m
m
o
C
e
d
o
M
l
a
i
t
n
e
r
e
f
f
i
D
n
o
i
t
c
e
j
e
R
n
i
m
B
d
o
t
n
o
m
m
o
C
e
d
o
M
n
o
m
m
o
C
n
o
i
t
c
e
j
e
R
n
i
m
B
d
k
l
a
t
s
s
o
r
C
n
i
m
B
d
t
o
p
i
H
s
m
r
V
n
i
m
z
H
M
1
.
0
z
H
M
0
0
1
o
t
z
H
M
5
.
0
z
H
M
0
4
o
t
z
H
M
0
4
z
H
M
0
0
1
o
t
o
t
z
H
K
0
0
1
z
H
M
0
0
1
o
t
z
H
K
0
0
1
z
H
M
0
0
1
3
2
-
T
4
X
1
-
3
1
8
00
.
1
-8
1
-
g
o
l
0
2
-
2
1
)
z
H
M
0
8
/
f
(
0
4
-0
3
-
g
o
l
0
2
-
3
3
)
z
H
M
0
5
/
f
(
0
0
5
1
Available Options
• Various transformer turns ratios
• Various high voltage capacitor values
0813-1X4T-23


Similar Part No. - 0813-1X4T-23

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0813-1X4T-43 BEL-0813-1X4T-43 Datasheet
149Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet MagJack 1 x 4
0813-1X4T-57 BEL-0813-1X4T-57 Datasheet
219Kb / 5P
   INTEGRATED CONNECTOR MODULES Power over Ethernet MagJack 1 x 4
0813-1X4T-57-F BEL-0813-1X4T-57-F Datasheet
268Kb / 5P
   INTEGRATED CONNECTOR MODULES
More results

Similar Description - 0813-1X4T-23

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0826-1X1T-43-F BEL-0826-1X1T-43-F Datasheet
196Kb / 3P
   INTEGRATED CONNECTOR MODULES
0833-2X4R-59-F BEL-0833-2X4R-59-F Datasheet
283Kb / 5P
   INTEGRATED CONNECTOR MODULES
0833-2X6R-55-F BEL-0833-2X6R-55-F Datasheet
308Kb / 5P
   INTEGRATED CONNECTOR MODULES
0833-2X8R-54-F BEL-0833-2X8R-54-F Datasheet
381Kb / 5P
   INTEGRATED CONNECTOR MODULES
0863-2X8R-54-F BEL-0863-2X8R-54-F Datasheet
366Kb / 5P
   INTEGRATED CONNECTOR MODULES
0873-2X8R-66-F BEL-0873-2X8R-66-F Datasheet
320Kb / 5P
   INTEGRATED CONNECTOR MODULES
0826-1AX1-47 BEL-0826-1AX1-47 Datasheet
142Kb / 3P
   INTEGRATED CONNECTOR MODULES
S811-1X1T-06-F BEL-S811-1X1T-06-F Datasheet
174Kb / 3P
   INTEGRATED CONNECTOR MODULES
0816-1X1T-43-F BEL-0816-1X1T-43-F Datasheet
169Kb / 3P
   INTEGRATED CONNECTOR MODULES
0816-1X4T-43-F BEL-0816-1X4T-43-F Datasheet
226Kb / 4P
   INTEGRATED CONNECTOR MODULES
0821-1X1T-43-F BEL-0821-1X1T-43-F Datasheet
213Kb / 3P
   INTEGRATED CONNECTOR MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com