Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FU-68SDF-W02M43F Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # FU-68SDF-W02M43F
Description  1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-68SDF-W02M43F Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  FU-68SDF-W02M43F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-68SDF-W02M43F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-68SDF-W02M43F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-68SDF-W02M43F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-68SDF-W02M43F Datasheet HTML 5Page - Mitsubishi Electric Semiconductor FU-68SDF-W02M43F Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FEB06
(4/6)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI (OPTICAL DEVICES)
FU-68SDF-x8yyMzzF
1.55
μm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
ORDERING INFORMATION
Table 1.
f [THz]
λc [nm]
λ code
f [THz]
λc [nm]
λ code
196.30 1527.22
3
192.80 1554.94
73
196.20 1527.99
5
192.70 1555.75
75
196.10 1528.77
7
192.60 1556.55
77
196.00 1529.55
9
192.50 1557.36
79
195.90 1530.33
11
192.40 1558.17
81
195.80 1531.12
13
192.30 1558.98
83
195.70 1531.90
15
192.20 1559.79
85
195.60 1532.68
17
192.10 1560.61
87
195.50 1533.47
19
192.00 1561.42
89
195.40 1534.25
21
191.90 1562.23
91
195.30 1535.04
23
191.80 1563.05
93
195.20 1535.82
25
191.70 1563.86
95
195.10 1536.61
27
195.00 1537.40
29
194.90 1538.19
31
194.80 1538.98
33
194.70 1539.77
35
194.60 1540.56
37
194.50 1541.35
39
194.40 1542.14
41
194.30 1542.94
43
194.20 1543.73
45
194.10 1544.53
47
194.00 1545.32
49
193.90 1546.12
51
193.80 1546.92
53
193.70 1547.72
55
193.60 1548.51
57
193.50 1549.32
59
193.40 1550.12
61
193.30 1550.92
63
193.20 1551.72
65
193.10 1552.52
67
193.00 1553.33
69
192.90 1554.13
71
All wavelengths are referred to vacuum. Tolerance is
λc+/-0.05nm.
λ code
See table 1
Peak Output Power
02
2mW
10
10mW
Connector
W
SC/PC
V
FC/PC
FU - 68SDF – _ 8 _ _ M __ F


Similar Part No. - FU-68SDF-W02M43F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-68SDF-W31M59F MITSUBISHI-FU-68SDF-W31M59F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-W31M63F MITSUBISHI-FU-68SDF-W31M63F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-W31M67F MITSUBISHI-FU-68SDF-W31M67F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-W31M71F MITSUBISHI-FU-68SDF-W31M71F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-W31M75F MITSUBISHI-FU-68SDF-W31M75F Datasheet
197Kb / 5P
   1.5 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results

Similar Description - FU-68SDF-W02M43F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-650SDF-FW41MX MITSUBISHI-FU-650SDF-FW41MX Datasheet
82Kb / 4P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FX49MXX MITSUBISHI-FU-650SDF-FX49MXX Datasheet
83Kb / 5P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M2F MITSUBISHI-FU-653SEA-X1M2F Datasheet
88Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X2MYYF MITSUBISHI-FU-653SEA-X2MYYF Datasheet
134Kb / 5P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M6F MITSUBISHI-FU-653SEA-X1M6F Datasheet
110Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-XW5M1 MITSUBISHI-FU-650SDF-XW5M1 Datasheet
82Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-636SDF-F1M1 MITSUBISHI-FU-636SDF-F1M1 Datasheet
45Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SDF MITSUBISHI-FU-627SDF Datasheet
48Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-627SDF-FX1 MITSUBISHI-FU-627SDF-FX1 Datasheet
66Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com