Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41896C3477M000 Datasheet(PDF) 3 Page - EPCOS

Part # B41896C3477M000
Description  Long-life grade capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41896C3477M000 Datasheet(HTML) 3 Page - EPCOS

  B41896C3477M000 Datasheet HTML 1Page - EPCOS B41896C3477M000 Datasheet HTML 2Page - EPCOS B41896C3477M000 Datasheet HTML 3Page - EPCOS B41896C3477M000 Datasheet HTML 4Page - EPCOS B41896C3477M000 Datasheet HTML 5Page - EPCOS B41896C3477M000 Datasheet HTML 6Page - EPCOS B41896C3477M000 Datasheet HTML 7Page - EPCOS B41896C3477M000 Datasheet HTML 8Page - EPCOS B41896C3477M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Specifications and characteristics in brief
Rated voltage VR
10 ... 63 V DC
Surge voltage VS
1.15
VR
Rated capacitance CR
1 ... 10000 µF
Capacitance tolerance
±20%
M
Dissipation factor tan
δ
(20
°C, 120 Hz)
For capacitance higher than 1000 µF add 0.02 for every increase of
1000 µF.
VR (V DC)
10
16 ... 25
35
50
63
tan
δ (max.)
0.20
0.17
0.12
0.10
0.15
Leakage current Ileak
(20
°C, 5 min)
or 3 µA, whichever is greater
Self-inductance ESL
Diameter (mm)
≤ 12.5
16
18
ESL (nH)
20
26
34
Useful life
125
°C, V
R, IAC,R
> 2500 h for d = 8 mm up to 50 V
> 3500 h for d = 10 mm up to 50 V
> 7000 h for d
≥ 12.5 mm up to 50 V
> 2000 h for d = 8 mm for 63 V
> 3000 h for d = 10 mm for 63 V
> 5000 h for d
≥ 12.5 mm for 63 V
135
°C, V
R, 0.75
IAC,R
> 3000 h for d
≥ 12.5 mm up to 50 V
Requirements
∆C/C
≤ ±35% of initial value
tan
δ
≤ 3 times initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
125
°C, V
R
2500 h for d = 8 mm up to 50 V
3500 h for d = 10 mm up to 50 V
7000 h for d
≥ 12.5 mm up to 50 V
2000 h for d = 8 mm for 63 V
3000 h for d = 10 mm for 63 V
5000 h for d
≥ 12.5 mm for 63 V
Post test requirements
∆C/C
≤ ±30% of initial value
tan
δ
≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test To IEC 60068-2-6, test Fc:
Displacement amplitude 0.75 mm, frequency range 10 … 2000 Hz,
acceleration max. 20 g, duration 3
× 2 h.
Capacitor rigidly clamped by the aluminum case.
IEC climatic category
To IEC 60068-1: 55/125/56 ( 55
°C/+125 °C/56 days damp heat test)
Sectional specification
AEC-Q200, IEC 60384-4
B41896
Extra long useful life
125
°C
Page 3 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41896C3477M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41896C3478M EPCOS-B41896C3478M Datasheet
620Kb / 35P
   Aluminum electrolytic capacitors
B41896C3478M000 EPCOS-B41896C3478M000 Datasheet
566Kb / 30P
   Single-ended capacitors
B41896C3478M001 EPCOS-B41896C3478M001 Datasheet
566Kb / 30P
   Single-ended capacitors
More results

Similar Description - B41896C3477M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43566A4687Q000 EPCOS-B43566A4687Q000 Datasheet
182Kb / 9P
   Long-life grade capacitors
B41868 EPCOS-B41868 Datasheet
645Kb / 24P
   Long-life grade capacitors
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
logo
Cornell Dubilier Electr...
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
300 CDE-300 Datasheet
487Kb / 11P
   Long-Life, Switching Power Grade Radial
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
logo
Vishay Siliconix
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com