Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41888C3109M002 Datasheet(PDF) 10 Page - EPCOS

Part # B41888C3109M002
Description  Long-life grade capacitors Very low impedance
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41888C3109M002 Datasheet(HTML) 10 Page - EPCOS

Back Button B41888C3109M002 Datasheet HTML 6Page - EPCOS B41888C3109M002 Datasheet HTML 7Page - EPCOS B41888C3109M002 Datasheet HTML 8Page - EPCOS B41888C3109M002 Datasheet HTML 9Page - EPCOS B41888C3109M002 Datasheet HTML 10Page - EPCOS B41888C3109M002 Datasheet HTML 11Page - EPCOS B41888C3109M002 Datasheet HTML 12Page - EPCOS B41888C3109M002 Datasheet HTML 13Page - EPCOS B41888C3109M002 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
1)
Refer to chapter "General technical information, 5.3 Calculation of useful life" for an explanation on how to interpret the useful life
graphs.
Useful life
depending on ambient temperature TA under ripple current operating conditions1)
d = 8 mm
d = 10 mm
B41888
Extended useful life
105
°C
Page 10 of 27
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41888C3109M002

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41888C3109M002 TDK-B41888C3109M002 Datasheet
63Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41888C3109M002

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JRD JBCAPACITORS-JRD Datasheet
480Kb / 3P
   Low Impedance, Long Life
logo
EPCOS
B43566A4687Q000 EPCOS-B43566A4687Q000 Datasheet
182Kb / 9P
   Long-life grade capacitors
logo
List of Unclassifed Man...
150CLZ ETC2-150CLZ Datasheet
342Kb / 12P
   Aluminum electrolytic capacitors SMD (Chip) Long life base plate, very low impedance
logo
EPCOS
B41896 EPCOS-B41896 Datasheet
794Kb / 32P
   Long-life grade capacitors
logo
RUBYCON CORPORATION
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF330MEFC10X20 RUBYCON-50YXF330MEFC10X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
16YXF470MEFC10X12.5 RUBYCON-16YXF470MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
logo
EPCOS
B41868 EPCOS-B41868 Datasheet
645Kb / 24P
   Long-life grade capacitors
logo
RUBYCON CORPORATION
63YXF100MEFC10X12.5 RUBYCON-63YXF100MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF470MEFC12.5X20 RUBYCON-50YXF470MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com