Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1618 Datasheet(PDF) 4 Page - EPCOS

Part # B1618
Description  RF Filter For Dual Conversion
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1618 Datasheet(HTML) 4 Page - EPCOS

  B1618 Datasheet HTML 1Page - EPCOS B1618 Datasheet HTML 2Page - EPCOS B1618 Datasheet HTML 3Page - EPCOS B1618 Datasheet HTML 4Page - EPCOS B1618 Datasheet HTML 5Page - EPCOS B1618 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Aug 12, 2004
SAW Components
B1618
1216,00 MHz
RF Filter For Dual Conversion
Transfer function
Transfer function (passband)


Similar Part No. - B1618

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1610 EPCOS-B1610 Datasheet
77Kb / 6P
   Low-Loss Filter
B1614 EPCOS-B1614 Datasheet
72Kb / 6P
   Low-Loss Filter
B1616 EPCOS-B1616 Datasheet
56Kb / 6P
   SAW RF low loss filter
B1617 EPCOS-B1617 Datasheet
50Kb / 6P
   SAW RF low loss filter
logo
Dielectric Laboratories...
B161LA0S DILABS-B161LA0S Datasheet
184Kb / 2P
   16GHz Surface Mount Bandpass Filter
More results

Similar Description - B1618

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39192B5186U410 TDK-B39192B5186U410 Datasheet
165Kb / 9P
   SAW RF dual band filter for base stations
B39192B5190U410 TDK-B39192B5190U410 Datasheet
190Kb / 8P
   SAW RF Dual Band filter for base stations
B39172B1619U810 TDK-B39172B1619U810 Datasheet
179Kb / 6P
   SAW filter Double conversion
logo
SIPAT Co,Ltd
LBT156102 SIPAT-LBT156102 Datasheet
354Kb / 3P
   For RF SAW filter
LBN75401 SIPAT-LBN75401 Datasheet
299Kb / 3P
   For RF SAW filter
LBT94803 SIPAT-LBT94803 Datasheet
360Kb / 3P
   For RF SAW filter
LBT109002 SIPAT-LBT109002 Datasheet
275Kb / 3P
   For RF SAW filter
LBT110001 SIPAT-LBT110001 Datasheet
246Kb / 3P
   For RF SAW filter
LBT158801 SIPAT-LBT158801 Datasheet
359Kb / 3P
   For RF SAW filter
LBT147202 SIPAT-LBT147202 Datasheet
245Kb / 3P
   For RF SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com