Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B37872R5220J021 Datasheet(PDF) 7 Page - EPCOS

Part # B37872R5220J021
Description  Multilayer Ceramic Capacitors Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37872R5220J021 Datasheet(HTML) 7 Page - EPCOS

  B37872R5220J021 Datasheet HTML 1Page - EPCOS B37872R5220J021 Datasheet HTML 2Page - EPCOS B37872R5220J021 Datasheet HTML 3Page - EPCOS B37872R5220J021 Datasheet HTML 4Page - EPCOS B37872R5220J021 Datasheet HTML 5Page - EPCOS B37872R5220J021 Datasheet HTML 6Page - EPCOS B37872R5220J021 Datasheet HTML 7Page - EPCOS B37872R5220J021 Datasheet HTML 8Page - EPCOS B37872R5220J021 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
106 10/02
Multilayer Ceramic Capacitors
X7R
Typical characteristics
Capacitance change
DC/C25 versus
temperature T
Capacitance change
DC/C0 versus
superimposed DC voltage V
Impedance |Z | versus
frequency f
Dissipation factor tan
d versus
temperature T
KKE0186-U
C25
T
∆C
0
20 40 60 80 100 ˚C 140
0
%
20
10
_
20
_
30
_
40
_
50
_
60
_
70
_
80
_
60
_
40
_
20
_
KKE0356-K
0
C0
V
∆C
10
20
30
40
V 50
1 nF
0
10
%
50 V
10
_
20
_
30
_
40
_
KKE0358-2
10 0
10 1
10 2
10
4
Z
10 0
10 1
10
10 2
MHz
3
f
10 nF
1 nF
1
10
_
10
_2
KKE0189-J
T
δ
tan
0
20 40 60 80 100 ˚C 140
60
_
40
_
20
_
1
10
_
10
_2
10
_3
X7R


Similar Part No. - B37872R5220J021

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37872R5220J021 EPCOS-B37872R5220J021 Datasheet
720Kb / 16P
   Multilayer ceramic capacitors
More results

Similar Description - B37872R5220J021

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-TVB1A104M PANASONIC-ECJ-TVB1A104M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVC1H181K PANASONIC-ECJ-RVC1H181K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H220K PANASONIC-ECJ-RVC1H220K Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVF1E104Z PANASONIC-ECJ-RVF1E104Z Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H470K PANASONIC-ECJ-RVC1H470K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJ-RVB1C104M PANASONIC-ECJ-RVB1C104M Datasheet
196Kb / 4P
   Multilayer Ceramic Capacitors (4 Array Type)
ECJ-RVC1H471K PANASONIC-ECJ-RVC1H471K Datasheet
195Kb / 4P
   Multilayer Ceramic Capacitors(4 Array Type)
ECJU PANASONIC-ECJU Datasheet
141Kb / 3P
   Multilayer Ceramic Capacitors (2 Array Type)
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
   Multilayer Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com