Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41896C3278M000 Datasheet(PDF) 11 Page - EPCOS

Part # B41896C3278M000
Description  Long-life grade capacitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41896C3278M000 Datasheet(HTML) 11 Page - EPCOS

Back Button B41896C3278M000 Datasheet HTML 7Page - EPCOS B41896C3278M000 Datasheet HTML 8Page - EPCOS B41896C3278M000 Datasheet HTML 9Page - EPCOS B41896C3278M000 Datasheet HTML 10Page - EPCOS B41896C3278M000 Datasheet HTML 11Page - EPCOS B41896C3278M000 Datasheet HTML 12Page - EPCOS B41896C3278M000 Datasheet HTML 13Page - EPCOS B41896C3278M000 Datasheet HTML 14Page - EPCOS B41896C3278M000 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
125
°C
mA
IAC,max
100 kHz
105
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 8 × 11.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 50 V DC
1
8
× 11.5 6.396 126.313 0.800
0.702
35
46
B41896C6105M***
2.2
8
× 11.5 6.396
57.415 0.800
0.702
50
65
B41896C6225M***
3.3
8
× 11.5 6.396
38.277 0.800
0.702
70
91
B41896C6335M***
4.7
8
× 11.5 6.396
26.875 0.800
0.702
100
130
B41896C6475M***
10
8
× 11.5 6.396
12.631 0.800
0.702
200
260
B41896C6106M***
12
8
× 11.5 6.396
10.526 0.800
0.702
200
260
B41896C6126M***
15
8
× 11.5 6.396
8.421 0.800
0.702
200
260
B41896C6156M***
18
8
× 11.5 6.396
7.017 0.800
0.702
200
260
B41896C6186M***
22
8
× 11.5 6.396
5.742 0.800
0.702
260
338
B41896C6226M***
27
8
× 11.5 6.396
4.678 0.800
0.702
260
338
B41896C6276M***
33
8
× 11.5 4.920
3.828 0.615
0.540
300
390
B41896C6336M***
39
8
× 11.5 4.129
3.239 0.516
0.453
300
390
B41896C6396M***
47
8
× 11.5 3.466
2.688 0.433
0.380
440
572
B41896C6476M***
56
8
× 11.5 2.909
2.256 0.364
0.319
440
572
B41896C6566M***
68
8
× 11.5 2.441
1.858 0.305
0.268
440
572
B41896C6686M***
82
8
× 11.5 2.049
1.540 0.256
0.225
440
572
B41896C6826M***
100
10
× 12.5 1.820
1.263 0.228
0.203
680
884
B41896C6107M***
120
10
× 16
1.104
1.053 0.138
0.115
965
1255
B41896C6127M***
150
10
× 16
1.104
0.842 0.138
0.115
965
1255
B41896C6157M***
180
10
× 20
0.592
0.702 0.074
0.062
1205
1566
B41896C6187M***
220
10
× 20
0.592
0.574 0.074
0.062
1205
1566
B41896C6227M***
270
12.5
× 20
0.484
0.468 0.061
0.055
1820
2366
B41896C6277M***
330
12.5
× 20
0.484
0.383 0.061
0.055
1820
2366
B41896C6337M***
390
12.5
× 25
0.285
0.324 0.036
0.033
2280
2964
B41896C6397M***
470
12.5
× 25
0.269
0.069 0.036
0.033
2280
2964
B41896C6477M***
470
16
× 20
0.299
0.269 0.037
0.034
2280
2964
B41896D6477M***
B41896
Extra long useful life
125
°C
Page 11 of 32
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41896C3278M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41896C3278M000 EPCOS-B41896C3278M000 Datasheet
566Kb / 30P
   Single-ended capacitors
More results

Similar Description - B41896C3278M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43566A4687Q000 EPCOS-B43566A4687Q000 Datasheet
182Kb / 9P
   Long-life grade capacitors
B41868 EPCOS-B41868 Datasheet
645Kb / 24P
   Long-life grade capacitors
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
logo
Cornell Dubilier Electr...
520C CDE-520C Datasheet
357Kb / 7P
   Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long-life, Inverter Grade
550C CDE-550C Datasheet
390Kb / 7P
   Ultra Ripple, Long-life, Inverter Grade, Aluminum Ultra-Ripple, Long Life, Computer Grade
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
300 CDE-300 Datasheet
487Kb / 11P
   Long-Life, Switching Power Grade Radial
550 CDE-550_17 Datasheet
454Kb / 8P
   High Ripple, Long Life, Computer Grade
logo
Vishay Siliconix
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com