Electronic Components Datasheet Search |
|
B41896C3338M000 Datasheet(PDF) 3 Page - EPCOS |
|
B41896C3338M000 Datasheet(HTML) 3 Page - EPCOS |
3 / 32 page Specifications and characteristics in brief Rated voltage VR 10 ... 63 V DC Surge voltage VS 1.15 VR Rated capacitance CR 1 ... 10000 µF Capacitance tolerance ±20% M Dissipation factor tan δ (20 °C, 120 Hz) For capacitance higher than 1000 µF add 0.02 for every increase of 1000 µF. VR (V DC) 10 16 ... 25 35 50 63 tan δ (max.) 0.20 0.17 0.12 0.10 0.15 Leakage current Ileak (20 °C, 5 min) or 3 µA, whichever is greater Self-inductance ESL Diameter (mm) ≤ 12.5 16 18 ESL (nH) 20 26 34 Useful life 125 °C, V R, IAC,R > 2500 h for d = 8 mm up to 50 V > 3500 h for d = 10 mm up to 50 V > 7000 h for d ≥ 12.5 mm up to 50 V > 2000 h for d = 8 mm for 63 V > 3000 h for d = 10 mm for 63 V > 5000 h for d ≥ 12.5 mm for 63 V 135 °C, V R, 0.75 IAC,R > 3000 h for d ≥ 12.5 mm up to 50 V Requirements ∆C/C ≤ ±35% of initial value tan δ ≤ 3 times initial specified limit Ileak ≤ initial specified limit Voltage endurance test 125 °C, V R 2500 h for d = 8 mm up to 50 V 3500 h for d = 10 mm up to 50 V 7000 h for d ≥ 12.5 mm up to 50 V 2000 h for d = 8 mm for 63 V 3000 h for d = 10 mm for 63 V 5000 h for d ≥ 12.5 mm for 63 V Post test requirements ∆C/C ≤ ±30% of initial value tan δ ≤ 2 times initial specified limit Ileak ≤ initial specified limit Vibration resistance test To IEC 60068-2-6, test Fc: Displacement amplitude 0.75 mm, frequency range 10 … 2000 Hz, acceleration max. 20 g, duration 3 × 2 h. Capacitor rigidly clamped by the aluminum case. IEC climatic category To IEC 60068-1: 55/125/56 ( 55 °C/+125 °C/56 days damp heat test) Sectional specification AEC-Q200, IEC 60384-4 B41896 Extra long useful life 125 °C Page 3 of 32 Please read Cautions and warnings and Important notes at the end of this document. |
Similar Part No. - B41896C3338M000 |
|
Similar Description - B41896C3338M000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |