Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1707 Datasheet(PDF) 4 Page - EPCOS

Part # B1707
Description  SAW IF filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1707 Datasheet(HTML) 4 Page - EPCOS

  B1707 Datasheet HTML 1Page - EPCOS B1707 Datasheet HTML 2Page - EPCOS B1707 Datasheet HTML 3Page - EPCOS B1707 Datasheet HTML 4Page - EPCOS B1707 Datasheet HTML 5Page - EPCOS B1707 Datasheet HTML 6Page - EPCOS B1707 Datasheet HTML 7Page - EPCOS B1707 Datasheet HTML 8Page - EPCOS B1707 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
May 16, 2006
B1707
76.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Matching network1) (based on four port measurement, quality factors QL = 40, QC = 90)
1) The input matching circuit has been designed as a power match of the filter’s input port to 175
Ω. In a second step
it has been optimized in a narrow range in order to operate at 27
Ω with optimum filter performance.
Cs1 = 12 pF
Lp2 = 220 nH
Lp3 = 680 nH
Cs4 = 5.6 pF
Cs1
Cs1
Lp2
Lp3
Cs4
Cs4


Similar Part No. - B1707

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B170 DIODES-B170 Datasheet
64Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. B-2
logo
Lite-On Technology Corp...
B170 LITEON-B170 Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B170 WEITRON-B170 Datasheet
94Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B170 DIODES-B170 Datasheet
361Kb / 3P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 6 - 2
B170 DIODES-B170 Datasheet
101Kb / 4P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 10 - 2
More results

Similar Description - B1707

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
   IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
   IF SAW Filter
logo
TDK Electronics
B39191B5219H810 TDK-B39191B5219H810 Datasheet
118Kb / 8P
   SAW IF filter
logo
EPCOS
B1708 EPCOS-B1708 Datasheet
104Kb / 10P
   SAW IF filter
logo
Oscilent Corporation
813-SL70.0M-20 OSCILENT-813-SL70.0M-20 Datasheet
302Kb / 2P
   IF SAW Filter
logo
EPCOS
B5105 EPCOS-B5105 Datasheet
103Kb / 8P
   SAW IF filter
B1709 EPCOS-B1709 Datasheet
101Kb / 10P
   SAW IF filter
X3402 EPCOS-X3402 Datasheet
251Kb / 9P
   SAW IF filter
logo
Oscilent Corporation
813-SL62.5M-10 OSCILENT-813-SL62.5M-10 Datasheet
273Kb / 2P
   IF SAW Filter
813-SL70.0M-06 OSCILENT-813-SL70.0M-06 Datasheet
238Kb / 3P
   IF SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com