Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA143ZK Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTA143ZK
Description  PNP resistor-equipped transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA143ZK Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTA143ZK Datasheet HTML 1Page - NXP Semiconductors PDTA143ZK Datasheet HTML 2Page - NXP Semiconductors PDTA143ZK Datasheet HTML 3Page - NXP Semiconductors PDTA143ZK Datasheet HTML 4Page - NXP Semiconductors PDTA143ZK Datasheet HTML 5Page - NXP Semiconductors PDTA143ZK Datasheet HTML 6Page - NXP Semiconductors PDTA143ZK Datasheet HTML 7Page - NXP Semiconductors PDTA143ZK Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 25
2
Philips Semiconductors
Product specification
PNP resistor-equipped transistor
PDTA143ZK
FEATURES
• Built-in bias resistors R1 and R2 (typ. 4.7 kΩ and 47 kΩ
respectively)
• Simplification of circuit design
• Reduces number of components and board space.
APPLICATIONS
• Especially suitable for space reduction in interface and
driver circuits
• Inverter circuit configurations without use of external
resistors.
DESCRIPTION
PNP resistor-equipped transistor in a SC-59 (SOT346)
plastic package. NPN complement: PDTC143ZK.
PINNING
PIN
DESCRIPTION
1
base/input
2
emitter/ground (+)
3
collector/output
Fig.1
Simplified outline (SC-59; SOT346) and
symbol.
MAM262
Top view
2
1
3
R1
R2
3
2
1
Fig.2 Equivalent inverter symbol.
MGA893 - 1
1
3
2
MARKING
TYPE NUMBER
MARKING CODE
PDTA143ZK
19


Similar Part No. - PDTA143ZK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143ZK PHILIPS-PDTA143ZK Datasheet
92Kb / 14P
   PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PDTA143ZK NXP-PDTA143ZK Datasheet
181Kb / 14P
   PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 05
More results

Similar Description - PDTA143ZK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EK PHILIPS-PDTA114EK Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 May 19
PDTA114TE PHILIPS-PDTA114TE Datasheet
52Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA114TT PHILIPS-PDTA114TT Datasheet
46Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA124XE PHILIPS-PDTA124XE Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 May 21
PDTA143EE PHILIPS-PDTA143EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA143ZT PHILIPS-PDTA143ZT Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 May 25
PDTA144EE PHILIPS-PDTA144EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA124ET PHILIPS-PDTA124ET Datasheet
56Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA124EU PHILIPS-PDTA124EU Datasheet
53Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA144EU PHILIPS-PDTA144EU Datasheet
52Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 15
PDTA114EEF PHILIPS-PDTA114EEF Datasheet
54Kb / 8P
   PNP resistor-equipped transistor
1999 May 21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com