6 / 25 page
JH162A SERIES
JEWEL HILL
3. LCD Module Number System:
JH 16 2 A – S B D Y L Y W B – XXX
Display Format:
Character model: Quantity of character in one line
Graphic model: Quantity of segment or line
Display Format:
Character model: Quantity of character row
Graphic model: Quantity of com. or row
Version
LCD Type:
T-TN
S-STN
H-HTN F-FSTN
IC handling:
B-COB bonding
G-COG
F-COF
T-TAB
S-SMT
N-without IC
Viewing Angle:
U-Upper 12:00
D-Lower 6:00
L-Left 9:00
R-Right 3:00
O-Other
Abbreviation
of Company
Name
Color Mode:
G-Grey
Y-Yellow Green
B-Blue
O-Other
Backlight Mode:
L-LED (transflective)
C-CCFL (transmissive)
E-EL (transflective)
N-No backlight
Backlight color:
B-Blue
A-Amber
Y-Yellow Green
R-Red
W-White
N-without backlight
Temperature Grade:
W-Wide Temp.
N-Normal Temp.
S-Super wide Temp.
Frame color:
B-Black
S-Sliver
Serial
Number
3/ 22