Electronic Components Datasheet Search |
|
MF-2500FXD Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor |
|
MF-2500FXD Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor |
2 / 14 page UQ9-06-006 Ed:1.0 Date:10.Oct.2006 Page 2 of 14 MITSUBISHI (OPTICAL DEVICES) MF-2500FXD Series 2.5Gbps SFP TRANSCEIVER MODULE 3. Block diagram 4. Absolute Maximum Ratings Stress below listed absolute maximum rating may cause permanent damage to the module. This is a stress only and functional operation of the module at these or any other conditions in excess of those given in the operational sections of this data sheet. Exposure to Absolute Maximum Rating for extended periods may affect module reliability. Parameters Symbol Ratings Unit Supply voltage Vcc 0 to +4.0 V Storage temperature Tstg -40 to +85 °C Operating case temperature (M41ZB) Tc -5 to +85 °C Operating case temperature (M41ZC) Tc -40 to +85 °C Relative humidity (non condensation) - 5 to 85 % Control Circuits (DDM) Memory L MOD_DEF [2] MOD_DEF [1] RD+ TD+ RX_LOS TX_DISABLE TX_FAULT OPT_IN OPT_OUT Bias circuit Fault Detector Temperature Monitor Circuit RD- TD- Signal Detect Circuit Limiting Amp &Low pass Fil. Driver PD TIA ROSA LD Monitor PD TOSA Supply Voltage Monitor Circuit LD Bias & Pout Monitor Circuit Rx Received Po Monitor Circuit |
Similar Part No. - MF-2500FXD |
|
Similar Description - MF-2500FXD |