Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41888C7338M002 Datasheet(PDF) 9 Page - EPCOS

Part # B41888C7338M002
Description  Long-life grade capacitors Very low impedance
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41888C7338M002 Datasheet(HTML) 9 Page - EPCOS

Back Button B41888C7338M002 Datasheet HTML 5Page - EPCOS B41888C7338M002 Datasheet HTML 6Page - EPCOS B41888C7338M002 Datasheet HTML 7Page - EPCOS B41888C7338M002 Datasheet HTML 8Page - EPCOS B41888C7338M002 Datasheet HTML 9Page - EPCOS B41888C7338M002 Datasheet HTML 10Page - EPCOS B41888C7338M002 Datasheet HTML 11Page - EPCOS B41888C7338M002 Datasheet HTML 12Page - EPCOS B41888C7338M002 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 8 × 11.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 50 V DC
560
12.5
× 25
0.344
0.226
0.043
0.040
2024
2834
B41888C6567M***
820
16
× 20
0.410
0.154
0.051
0.046
1957
2740
B41888C6827M***
1000
12.5
× 40
0.216
0.126
0.027
0.025
2920
4088
B41888C6108M***
1000
16
× 25
0.283
0.126
0.035
0.032
2700
3780
B41888D6108M***
1000
18
× 20
0.283
0.126
0.035
0.032
2541
3558
B41888E6108M***
1200
16
× 31.5 0.221
0.105
0.028
0.025
3010
4214
B41888C6128M***
1200
18
× 25
0.275
0.105
0.034
0.031
2795
3914
B41888D6128M***
1800
18
× 31.5 0.204
0.070
0.025
0.023
3542
4959
B41888C6188M***
2200
18
× 35
0.177
0.069
0.022
0.020
3800
5320
B41888C6228M***
2700
18
× 40
0.159
0.056
0.020
0.018
4000
5600
B41888C6278M***
VR = 63 V DC
56
8
× 11.5 5.413
2.030
0.541
0.488
283
396
B41888C8566M***
82
10
× 12.5 5.766
1.386
0.577
0.500
323
453
B41888C8826M***
120
10
× 16
3.075
0.947
0.308
0.279
474
664
B41888C8127M***
180
10
× 20
1.986
0.632
0.199
0.180
644
901
B41888C8187M***
270
12.5
× 20
1.688
0.421
0.169
0.153
800
1120
B41888C8277M***
330
12.5
× 20
1.688
0.344
0.169
0.153
800
1120
B41888C8337M***
390
12.5
× 25
1.236
0.291
0.124
0.112
1020
1428
B41888C8397M***
470
16
× 20
1.037
0.242
0.104
0.094
1161
1625
B41888C8477M***
680
12.5
× 40
0.717
0.167
0.072
0.065
1629
2281
B41888C8687M***
680
16
× 25
0.772
0.167
0.077
0.070
1460
2045
B41888D8687M***
680
18
× 20
0.960
0.167
0.096
0.087
1302
1823
B41888E8687M***
820
16
× 31.5 0.541
0.139
0.054
0.049
1910
2674
B41888C8827M***
820
18
× 25
0.761
0.139
0.076
0.069
1584
2217
B41888D8827M***
1200
18
× 31.5 0.518
0.095
0.052
0.047
2094
2932
B41888C8128M***
1500
18
× 35
0.441
0.076
0.044
0.040
2366
3313
B41888C8158M***
1800
18
× 40
0.375
0.063
0.038
0.034
2708
3792
B41888C8188M***
B41888
Extended useful life
105
°C
Page 9 of 27
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41888C7338M002

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41888C7337M TDK-B41888C7337M Datasheet
550Kb / 32P
   Aluminum electrolytic capacitors
logo
EPCOS
B41888C7337M000 EPCOS-B41888C7337M000 Datasheet
608Kb / 32P
   Aluminum electrolytic capacitors
B41888C7337M008 EPCOS-B41888C7337M008 Datasheet
608Kb / 32P
   Aluminum electrolytic capacitors
B41888C7337M012 EPCOS-B41888C7337M012 Datasheet
608Kb / 32P
   Aluminum electrolytic capacitors
More results

Similar Description - B41888C7338M002

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JRD JBCAPACITORS-JRD Datasheet
480Kb / 3P
   Low Impedance, Long Life
logo
EPCOS
B43566A4687Q000 EPCOS-B43566A4687Q000 Datasheet
182Kb / 9P
   Long-life grade capacitors
logo
List of Unclassifed Man...
150CLZ ETC2-150CLZ Datasheet
342Kb / 12P
   Aluminum electrolytic capacitors SMD (Chip) Long life base plate, very low impedance
logo
EPCOS
B41896 EPCOS-B41896 Datasheet
794Kb / 32P
   Long-life grade capacitors
logo
RUBYCON CORPORATION
50YXF100MEFCTA8X11.5 RUBYCON-50YXF100MEFCTA8X11.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF330MEFC10X20 RUBYCON-50YXF330MEFC10X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
16YXF470MEFC10X12.5 RUBYCON-16YXF470MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
logo
EPCOS
B41868 EPCOS-B41868 Datasheet
645Kb / 24P
   Long-life grade capacitors
logo
RUBYCON CORPORATION
63YXF100MEFC10X12.5 RUBYCON-63YXF100MEFC10X12.5 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
50YXF470MEFC12.5X20 RUBYCON-50YXF470MEFC12.5X20 Datasheet
256Kb / 2P
   105??Long Life. Low impedance.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com