Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-2500FXE-M41ZB Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # MF-2500FXE-M41ZB
Description  2.5Gbps SFP TRANSCEIVER MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-2500FXE-M41ZB Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button MF-2500FXE-M41ZB Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-2500FXE-M41ZB Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-2500FXE-M41ZB Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-2500FXE-M41ZB Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-2500FXE-M41ZB Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-2500FXE-M41ZB Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF-2500FXE-M41ZB Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MF-2500FXE-M41ZB Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MF-2500FXE-M41ZB Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
UQ9-06-007
Ed:1.0
Date:10.Oct.2006
Page 8 of 16
MITSUBISHI (OPTICAL DEVICES)
MF-2500FXE Series
2.5Gbps SFP TRANSCEIVER MODULE
Table 1
Timing of control and status I/O
The timing of the control and status line are listed in below and Figure 1 to 7.
Parameter
Symbol
Min
Max
Unit
Condition
TX_DISABLE Assert
Time
t_off
-
10
μs
Time from rising edge of TX_DISABLE to
when the optical output falls below 10% of
nominal
TX_DISABLE Negate
Time
t_on
-
1
ms
Time from falling edge of TX_DISABLE to
when the modulated optical output rises
above 90% of nominal
Time to Initialize,
Including Reset of
TX_FAULT
t_init
-
300
ms
From power on or negation of TX_FAULT
using TX_DISABLE
TX_FAULT Assert
Time
T_fault
-
100
μs
Time from fault to TX_FAULT on
TX_DISABLE to Reset
T_reset
10
-
μs
Time TX_DISABLE must be held high to
reset TX_FAULT
RX_LOS Assert Time
t_losson
-
100
μs
Time from LOS state to RX_LOS Assert
RX_LOS Negate Time
t_lossoff
-
100
μs
Time from non-LOS state to RX_LOS
de-assert
Serial ID Clock Rate
f_clock
-
100
kHz
-
Figure 1
Power on initialization of SFP transceiver, TX_DISABLE negated
Figure 2
Power on initialization of SFP transceiver, TX_DISABLE asserted
Figure 3
SFP TX_DISABLE timing during normal operation


Similar Part No. - MF-2500FXE-M41ZB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-2500FXD MITSUBISHI-MF-2500FXD Datasheet
299Kb / 14P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXD-M41ZB MITSUBISHI-MF-2500FXD-M41ZB Datasheet
299Kb / 14P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXD-M41ZC MITSUBISHI-MF-2500FXD-M41ZC Datasheet
299Kb / 14P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-2500FXE-M41ZB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXD MITSUBISHI-MF-2500FXD Datasheet
299Kb / 14P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXD MITSUBISHI-MF-27WXD Datasheet
301Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
logo
Optoway Technology Inc
SPS-93160W-DXXG OPTOWAY-SPS-93160W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 160km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380W-DXXG OPTOWAY-SPS-9380W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9350W-DXXG OPTOWAY-SPS-9350W-DXXG Datasheet
259Kb / 6P
   2.5Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120W-DXXG OPTOWAY-SPS-93120W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 120km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
logo
List of Unclassifed Man...
AJ716B ETC2-AJ716B Datasheet
157Kb / 4P
   Compatible SFP Transceiver Module - 8GFC
logo
Maxim Integrated Produc...
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
   2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
logo
Vitesse Semiconductor C...
VSC9142 VITESSE-VSC9142 Datasheet
249Kb / 30P
   SONET/SDH 2.5Gbps Transport Terminating Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com