Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-27WXD-M41ZAC57 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # MF-27WXD-M41ZAC57
Description  2.5Gbps SFP TRANSCEIVER MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WXD-M41ZAC57 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button MF-27WXD-M41ZAC57 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-27WXD-M41ZAC57 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-27WXD-M41ZAC57 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-27WXD-M41ZAC57 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-27WXD-M41ZAC57 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WXD-M41ZAC57 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WXD-M41ZAC57 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WXD-M41ZAC57 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF-27WXD-M41ZAC57 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
UQ9-06-008
Ed:1.0
Date:10.Oct.2006
Page 6 of 15
MITSUBISHI (OPTICAL DEVICES)
MF-27WXD Series
2.5Gbps SFP TRANSCEIVER MODULE
7. Digital Diagnostic Monitoring Accuracy
The diagnostic monitoring features external calibration, and is calibrated over operating temperature and
voltage range. The monitor parameters are represented as defined in SFF-8472.
These parameters of the monitoring accuracy are guaranteed, as long as operating conditions of this SFP
transceiver do not exceed ranges defined below.
Digital Diagnostic Monitoring Accuracy
Parameter
Min.
Max.
Unit
Range for Accurate Monitoring
Transceiver Temperature
*1
-3
+3
°C
0 to 70
°C
Supply Voltage
-3
+3
%
3 to 3.6 V
TX Bias Current
-10
+10
%
-
TX Optical Power
-3(-1.5*
2)+3(+1.5*2)
dB
0 to 5 dBm
RX Optical Power
-3(-2*
2)
+3(+2*
2)
dB
-29 to -7 dBm
*1:Transceiver Temperature is defined as an internal ambient temperature.
*2:These specs are optional.
8. Selective Bandwidth filtering function
Receiver bandwidth is selected by the Rate Select pins (7pin and 9pin).
Each bit rates for the selective bandwidth and adaptable protocols are as follows.
No.
Rate Select 0 (7pin)
Rate Select 1 (9pin)
Bandwidth
Adaptable protocols
1
Low
Low
Full
STM-16/OC-48, OTN-1
2
High
Low
1.25Gbps
Gigabit Ethernet
3
Low
High
622Mbps
STM-4/OC-12, ESCON
4
High
High
155Mbps
STM-1/OC-3, FDDI
*Optional Bandwidth: 2.125Gbps and 1.062Gbps bandwidth can be selected by the internal setting.
9. Transceiver pin allocation
No.
Symbol
Description
No.
Symbol
Description
1
TX GND
Transmitter Ground
11
RX GND
Receiver Ground
2
TX_FAULT
Transmitter Fault Indication
12
RD-
Receiver Data Output-Bar
3
TX_DISABLE
Transmitter Disable
13
RD+
Receiver Data Output
4
MOD_DEF[2]
Module Definition 2
14
RX GND
Receiver Ground
5
MOD_DEF[1]
Module Definition 1
15
RX Vcc
Receiver Power Supply
6
MOD_DEF[0]
Module Definition 0
16
TX Vcc
Transmitter Power Supply
7
Rate Select 0
Rate Select pin 0
17
TX GND
Transmitter Ground
8
RX_LOS
Loss of Signal
18
TD+
Transmitter Data in
9
Rate Select 1
Rate Select pin 1
19
TD-
Transmitter Data in-Bar
10
RX GND
Receiver Ground
20
TX GND
Transmitter Ground


Similar Part No. - MF-27WXD-M41ZAC57

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC47 MITSUBISHI-MF-27WXC-M41ZAC47 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC49 MITSUBISHI-MF-27WXC-M41ZAC49 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC51 MITSUBISHI-MF-27WXC-M41ZAC51 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC53 MITSUBISHI-MF-27WXC-M41ZAC53 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WXD-M41ZAC57

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXD MITSUBISHI-MF-2500FXD Datasheet
299Kb / 14P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXE MITSUBISHI-MF-2500FXE Datasheet
307Kb / 16P
   2.5Gbps SFP TRANSCEIVER MODULE
logo
Optoway Technology Inc
SPS-93160W-DXXG OPTOWAY-SPS-93160W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 160km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9380W-DXXG OPTOWAY-SPS-9380W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 80km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-9350W-DXXG OPTOWAY-SPS-9350W-DXXG Datasheet
259Kb / 6P
   2.5Gbps / 100GHz DWDM / 50km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-93120W-DXXG OPTOWAY-SPS-93120W-DXXG Datasheet
264Kb / 6P
   2.5Gbps / 100GHz DWDM / 120km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
logo
List of Unclassifed Man...
AJ716B ETC2-AJ716B Datasheet
157Kb / 4P
   Compatible SFP Transceiver Module - 8GFC
logo
Maxim Integrated Produc...
MAX24001 MAXIM-MAX24001 Datasheet
1Mb / 53P
   2.5GBPS TX BURST-MODE LASER TRANSCEIVER
Rev 0; 11/12
logo
Vitesse Semiconductor C...
VSC9142 VITESSE-VSC9142 Datasheet
249Kb / 30P
   SONET/SDH 2.5Gbps Transport Terminating Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com