Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43305A2228M007 Datasheet(PDF) 10 Page - EPCOS

Part # B43305A2228M007
Description  General-purpose grade capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43305A2228M007 Datasheet(HTML) 10 Page - EPCOS

Back Button B43305A2228M007 Datasheet HTML 6Page - EPCOS B43305A2228M007 Datasheet HTML 7Page - EPCOS B43305A2228M007 Datasheet HTML 8Page - EPCOS B43305A2228M007 Datasheet HTML 9Page - EPCOS B43305A2228M007 Datasheet HTML 10Page - EPCOS B43305A2228M007 Datasheet HTML 11Page - EPCOS B43305A2228M007 Datasheet HTML 12Page - EPCOS B43305A2228M007 Datasheet HTML 13Page - EPCOS B43305A2228M007 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
3)
120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R3)
100 Hz
85
°C
A
Ordering code
(composition see below)
Composition of ordering code
* =
Terminal style
0 = snap-in standard terminals (6.3
±1) mm
2 = snap-in 3 terminals (4.5
1) mm
7 = snap-in short terminals (4.5
1) mm
VR = 400 V DC
68
22
× 25
1990
2690
1.28
0.65
B43305A9686M00*
82
22
× 25
1650
2230
1.41
0.72
B43305A9826M00*
100
22
× 25
1360
1830
1.55
0.79
B43305A9107M00*
120
22
× 25
1130
1530
1.70
0.87
B43305A9127M00*
150
22
× 30
900
1220
1.98
1.01
B43305A9157M00*
180
22
× 30
750
1020
2.17
1.11
B43305A9187M00*
180
25
× 25
750
1020
2.18
1.11
B43305B9187M00*
220
22
× 35
620
830
2.49
1.27
B43305A9227M00*
220
25
× 30
620
830
2.51
1.28
B43305B9227M00*
270
22
× 45
500
680
2.92
1.49
B43305A9277M00*
270
25
× 35
500
680
2.89
1.47
B43305B9277M00*
270
30
× 25
500
680
2.79
1.42
B43305C9277M00*
330
22
× 50
410
560
3.31
1.69
B43305A9337M00*
330
25
× 40
410
560
3.29
1.68
B43305B9337M00*
330
30
× 30
410
560
3.22
1.64
B43305C9337M00*
330
35
× 25
410
560
3.04
1.55
B43305D9337M00*
390
25
× 45
350
470
3.68
1.87
B43305A9397M00*
390
30
× 35
350
470
3.62
1.85
B43305B9397M00*
390
35
× 30
350
470
3.67
1.87
B43305C9397M00*
470
25
× 50
290
390
4.14
2.11
B43305A9477M00*
470
30
× 40
290
390
4.37
2.23
B43305B9477M00*
470
35
× 30
290
390
4.03
2.05
B43305C9477M00*
560
30
× 45
240
330
4.91
2.50
B43305A9567M00*
560
35
× 35
240
330
4.56
2.32
B43305B9567M00*
680
30
× 50
200
270
5.55
2.83
B43305A9687M00*
680
35
× 40
200
270
5.18
2.64
B43305B9687M00*
820
30
× 55
170
230
6.23
3.18
B43305A9827M00*
820
35
× 45
170
230
5.85
2.98
B43305B9827M00*
1000
35
× 50
140
190
6.63
3.38
B43305A9108M00*
B43305
Ultra compact
85
°C
Page 10 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43305A2228M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43305A2228M007 EPCOS-B43305A2228M007 Datasheet
1,007Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43305A2228M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41889 EPCOS-B41889 Datasheet
648Kb / 23P
   General-purpose grade capacitors
logo
List of Unclassifed Man...
MCGPR100V227M16X26-RH ETC2-MCGPR100V227M16X26-RH Datasheet
51Kb / 6P
   General Purpose Radial Capacitors
logo
Mallory performance clu...
GE151K MALLORY-GE151K Datasheet
469Kb / 3P
   General Purpose Disc Ceramic Capacitors
logo
AVX Corporation
04026D225KAT2A AVX-04026D225KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
logo
Illinois Capacitor, Inc...
102GCR050M ILLINOISCAPACITOR-102GCR050M Datasheet
24Kb / 1P
   85C General Purpose Ceramic Disc Capacitors
logo
AVX Corporation
0201ZD472KAT2A AVX-0201ZD472KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
1206YD226KAT2A AVX-1206YD226KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0603YD105KAT4A AVX-0603YD105KAT4A Datasheet
107Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
0603ZD105KAT2A AVX-0603ZD105KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com