Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FU-653SEA-V81F Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FU-653SEA-V81F
Description  1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-653SEA-V81F Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FU-653SEA-V81F Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-653SEA-V81F Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-653SEA-V81F Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-653SEA-V81F Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-653SEA-V81F Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
JAN06
(2/5)
Mitsubishi Electric Corporation reserves the right to make changes to the products or information contained herein
without notice. No liability is assumed as a result of their use or application.
MITSUBISHI (OPTICAL DEVICES)
FU-653SEA-x2MyyF
1.55
μm EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25
°C, Tld=Tset, unless otherwise noted)
Item
Symbol
Condition(Note2)
Min.
Typ.
Max.
Unit
Threshold current
Ith
CW,Vm=0V
5
-
30
mA
Operating current
Iop
CW,Vm=0V
50
70
100
mA
Operating voltage
Vop
CW, If=Iop, Vm=0V
-
-
1.7
V
Input impedance
Zin
If=Iop
-
50
-
Ω
Optical output power
from fiber end
Pf
(Note 3,4)
-2
-
-
dBm
Laser
diode
temperature
Tset
-
15
-
35
°C
Wavelength
λc
(Note 3,4)
(See teble 1)
nm
Side mode
suppression ratio
Sr
(Note 3,4)
35
40
-
dB
Relative intensity
noise
RIN
CW, If=Iop, Vm=0V,10GHz
-
-
-135
dB/Hz
Power penalty
Pp
(Note 3,4,), 800ps/nm
-
-
2.0
dB
Extinction ratio
Ex
(Note 3,4)
10
-
-
dB
Rise/fall time
tr/tf
(Note 3,4),20-80%
-
-
45
ps
Cutoff frequency
fc
If=Iop,Vm=-1V
11
-
-
GHz
If=Iop,Vm=-1V, f
≤5GHz
10
15
-
dB
RF return loss
S11
If=Iop,Vm=-1V, f
≤10GHz
5
7
-
dB
Tracking error
Er
If=Iop,Tc=-20
∼70°C, Note 5
-
0.3
0.5
dB
Monitor current
Imon
If=Iop,Vrd=-5V
0.1
-
1.5
mA
Dark current(PD)
Id
Vrd=-5V
-
-
0.1
μA
Capacitance(PD)
Ct
Vrd=-5V
-
10
-
pF
Tc=25
°C
35
-
-
dB
Optical isolation
Iso
Tc=-20
∼70°C
23
-
-
dB
Note 2
: Vm is EAM bias voltage at CW condition, Vpp and Voff are EAM amplitude and EAM high level
offset voltage respectively at modulation condition.
Note 3
: 9.95328Gbps, NRZ, PRBS2^23-1, If=Iop,Vpp=2.5V,Voff=0V to –1V
Note 4
: Optical return loss of the connectors should be greater than 40dB in order to get specified performance.
Note 5
: Er=10
×log[Pf(Tc)/Pf(25°C)]
THERMAL CHARACTERISTICS
Limits
Parameter
Symbol
Conditions
(Note2)
Min.
Typ.
Max.
Unit
Thermistor resistance
Rth
Tc=Tld=25
°C,
9.5
10
10.5
Ω
B constant of Rth
B
-
-
3950
-
K
Cooling capacity
ΔT
-
55
-
-
°C
Cooler current
Ipe
If=Iop, Tc=70
°C,Tld=25°C
-
0.6
1.2
A
Cooler voltage
Vpe
If=Iop, Tc=70
°C,Tld=25°C
-
1.2
2.5
V
FIBER PIGTAIL SPECIFICATIONS
Parameter
Specification
Unit
Type
SM
-
Mode field diameter
9.5
±1
μm
Cladding diameter
125
±2
μm
Secondary coating outer diameter
0.9
±0.1
mm
Connector
See ordering information
-
Optical return loss of connector
40(min)
dB


Similar Part No. - FU-653SEA-V81F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-653SEA-V1M2F MITSUBISHI-FU-653SEA-V1M2F Datasheet
88Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-V1M6F MITSUBISHI-FU-653SEA-V1M6F Datasheet
110Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results

Similar Description - FU-653SEA-V81F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-653SEA-X1M2F MITSUBISHI-FU-653SEA-X1M2F Datasheet
88Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-653SEA-X1M6F MITSUBISHI-FU-653SEA-X1M6F Datasheet
110Kb / 4P
   1.55 關m EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-632SEA-X61MYYF MITSUBISHI-FU-632SEA-X61MYYF Datasheet
212Kb / 6P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X8YYMZZF MITSUBISHI-FU-68SDF-X8YYMZZF Datasheet
149Kb / 6P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FW41MX MITSUBISHI-FU-650SDF-FW41MX Datasheet
82Kb / 4P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-632SEA-3MXXA MITSUBISHI-FU-632SEA-3MXXA Datasheet
68Kb / 5P
   1.55 um EAM/DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL(WDM)
FU-650SDF-FX49MXX MITSUBISHI-FU-650SDF-FX49MXX Datasheet
83Kb / 5P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-XW5M1 MITSUBISHI-FU-650SDF-XW5M1 Datasheet
82Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-636SDF-F1M1 MITSUBISHI-FU-636SDF-F1M1 Datasheet
45Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com