Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41821B5477M003 Datasheet(PDF) 10 Page - EPCOS

Part # B41821B5477M003
Description  Single-ended capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41821B5477M003 Datasheet(HTML) 10 Page - EPCOS

Back Button B41821B5477M003 Datasheet HTML 6Page - EPCOS B41821B5477M003 Datasheet HTML 7Page - EPCOS B41821B5477M003 Datasheet HTML 8Page - EPCOS B41821B5477M003 Datasheet HTML 9Page - EPCOS B41821B5477M003 Datasheet HTML 10Page - EPCOS B41821B5477M003 Datasheet HTML 11Page - EPCOS B41821B5477M003 Datasheet HTML 12Page - EPCOS B41821B5477M003 Datasheet HTML 13Page - EPCOS B41821B5477M003 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Technical data and ordering codes
B41821
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
120 Hz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (for
∅ ≥ 10 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (for
∅ ≥ 16 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 6.3 × 11 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 25 V DC
560
10
× 16
0.47
0.36
0.34
580
B41821A5567M***
680
10
× 16
0.39
0.30
0.28
630
B41821F5687M***
1000
10
× 20
0.27
0.20
0.19
960
B41821A5108M***
1500
12.5
× 20
0.18
0.14
0.13
1100
B41821F5158M***
2200
12.5
× 25
0.14
0.10
0.10
1550
B41821F5228M***
3300
16
× 25
0.10
0.08
0.07
1980
B41821A5338M***
4700
16
× 31.5
0.08
0.06
0.06
2450
B41821A5478M***
6800
18
× 35
0.06
0.05
0.05
2650
B41821F5688M***
8200
18
× 40
0.06
0.05
0.04
2750
B41821F5828M***
10000
20
× 40
0.06
0.04
0.04
2900
B41821F5109M***
VR = 35 V DC
33
5
× 11
7.0
5.4
5.0
105
B41821A7336M***
47
5
× 11
4.9
3.8
3.5
130
B41821A7476M***
68
6.3
× 11
3.4
2.6
2.4
160
B41821A7686M***
100
6.3
× 11
2.3
1.8
1.7
210
B41821F7107M***
150
8
× 11.5
1.5
1.2
1.1
300
B41821A7157M***
220
8
× 11.5
1.1
0.81
0.75
385
B41821F7227M***
270
10
× 12.5
0.86
0.66
0.61
430
B41821A7277M***
330
10
× 12.5
0.70
0.54
0.50
490
B41821A7337M***
470
10
× 16
0.49
0.38
0.35
650
B41821A7477M***
560
10
× 20
0.41
0.32
0.30
770
B41821A7567M***
680
10
× 20
0.34
0.26
0.24
840
B41821A7687M***
1000
12.5
× 20
0.23
0.18
0.17
1150
B41821K7108M***
1500
16
× 20
0.15
0.12
0.11
1400
B41821F7158M***
2200
16
× 25
0.12
0.09
0.09
1800
B41821F7228M***
3300
16
× 31.5
0.09
0.07
0.06
2100
B41821F7338M***
4700
18
× 35
0.07
0.05
0.05
2550
B41821F7478M***
6800
18
× 40
0.06
0.05
0.04
2800
B41821K7688M***
B41821
Standard series
85
°C
Page 10 of 36
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41821B5477M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821B2477M000 EPCOS-B41821B2477M000 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
B41821B2477M001 EPCOS-B41821B2477M001 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
B41821B2477M002 EPCOS-B41821B2477M002 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
B41821B2477M003 EPCOS-B41821B2477M003 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
B41821B3337M000 EPCOS-B41821B3337M000 Datasheet
683Kb / 41P
   Aluminum electrolytic capacitors
More results

Similar Description - B41821B5477M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
B41896 EPCOS-B41896_08 Datasheet
566Kb / 30P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com