Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRBC-16E1X Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SRBC-16E1X
Description  NON-ISOLATED DC/DC CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBC-16E1X Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SRBC-16E1X Datasheet HTML 1Page - Bel Fuse Inc. SRBC-16E1X Datasheet HTML 2Page - Bel Fuse Inc. SRBC-16E1X Datasheet HTML 3Page - Bel Fuse Inc. SRBC-16E1X Datasheet HTML 4Page - Bel Fuse Inc. SRBC-16E1X Datasheet HTML 5Page - Bel Fuse Inc. SRBC-16E1X Datasheet HTML 6Page - Bel Fuse Inc. SRBC-16E1X Datasheet HTML 7Page - Bel Fuse Inc. SRBC-16E1X Datasheet HTML 8Page - Bel Fuse Inc. SRBC-16E1X Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 14 Vdc Input
0.75 Vdc - 3.63 Vdc/16 A Output
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.2 V
-
0.3 V
Signal High (Unit On)
-
-
Vin, max
SRBC-16E1A0; Remote On/Off pin open,
Unit on.
Signal Low (Unit On)
-0.2 V
-
0.3 V
Signal High (Unit Off)
2.5 V
-
Vin, max
SRBC-16E1AL; Remote On/Off pin open,
Unit on.
Output Trim Equations
Equation for calculating the trim resistor (in Ω) given the desired output voltage (Vo) is shown below. The Trim Up
resistor should be connected between the Trim pin and Ground.
1000
7525
.
0
10500
=
Vo
R
trim
Equation for calculating the trim voltage (in V) given the desired output voltage (Vo) is shown below. The Trim Up
voltage should be connected between the Trim pin and Ground.
)
7525
.
0
(
0667
.
0
7
.
0
×
=
Vo
V
trim
Rtrim
Module
Vout
GND
Sense
trim
Vtrim
Module
Vout
GND
Sense
trim


Similar Part No. - SRBC-16E1X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-16E2A0 BEL-SRBC-16E2A0 Datasheet
427Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS
SRBC-16E2AL BEL-SRBC-16E2AL Datasheet
427Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS
SRBC-16E2AX BEL-SRBC-16E2AX Datasheet
427Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS
SRBC-16E4A0 BEL-SRBC-16E4A0 Datasheet
475Kb / 14P
   4.5 Vdc - 14 Vdc Input 0.75 Vdc - 3.63 Vdc/16 A Output
SRBC-16E4AL BEL-SRBC-16E4AL Datasheet
475Kb / 14P
   4.5 Vdc - 14 Vdc Input 0.75 Vdc - 3.63 Vdc/16 A Output
More results

Similar Description - SRBC-16E1X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com