Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTB114ET Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PDTB114ET
Description  PNP resistor-equipped transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTB114ET Datasheet(HTML) 6 Page - NXP Semiconductors

  PDTB114ET Datasheet HTML 1Page - NXP Semiconductors PDTB114ET Datasheet HTML 2Page - NXP Semiconductors PDTB114ET Datasheet HTML 3Page - NXP Semiconductors PDTB114ET Datasheet HTML 4Page - NXP Semiconductors PDTB114ET Datasheet HTML 5Page - NXP Semiconductors PDTB114ET Datasheet HTML 6Page - NXP Semiconductors PDTB114ET Datasheet HTML 7Page - NXP Semiconductors PDTB114ET Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1997 Sep 02
6
Philips Semiconductors
Objective specification
PNP resistor-equipped transistor
PDTB114ET
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.


Similar Part No. - PDTB114ET

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTB114ET NEXPERIA-PDTB114ET Datasheet
2Mb / 18P
   500 mA, 50 V PNP resistor-equipped transistors
PDTB114ET NEXPERIA-PDTB114ET Datasheet
2Mb / 18P
   500 mA, 50 V PNP resistor-equipped transistors
Rev. 1 - 13 May 2014
More results

Similar Description - PDTB114ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EK PHILIPS-PDTA114EK Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 May 19
PDTA114TE PHILIPS-PDTA114TE Datasheet
52Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA114TT PHILIPS-PDTA114TT Datasheet
46Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA124XE PHILIPS-PDTA124XE Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 May 21
PDTA143EE PHILIPS-PDTA143EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA143ZT PHILIPS-PDTA143ZT Datasheet
50Kb / 8P
   PNP resistor-equipped transistor
1999 May 25
PDTA144EE PHILIPS-PDTA144EE Datasheet
66Kb / 8P
   PNP resistor-equipped transistor
1998 Jul 23
PDTA124ET PHILIPS-PDTA124ET Datasheet
56Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA124EU PHILIPS-PDTA124EU Datasheet
53Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 13
PDTA144EU PHILIPS-PDTA144EU Datasheet
52Kb / 8P
   PNP resistor-equipped transistor
1999 Apr 15
PDTA114EEF PHILIPS-PDTA114EEF Datasheet
54Kb / 8P
   PNP resistor-equipped transistor
1999 May 21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com