Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-27WTA-M01MA061 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MF-27WTA-M01MA061
Description  2.7Gb/s Multi-rate WDM Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WTA-M01MA061 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MF-27WTA-M01MA061 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA061 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA061 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA061 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA061 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA061 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA061 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA061 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA061 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UQ9-04-006
Ed:1.0
Date:22.Dec.2004
Page 5 of 9
MITSUBISHI (OPTICAL DEVICES)
MF-27WTA-M0xMAxxx
2.7Gb/s Multi-rate WDM Transmitter
Electrical characteristics
All parameters are specified over the operating case temperature.
Measurement conditions are at NRZ PN2
23-1 and 50% duty cycle data signal.
Parameters
Cond
Symb
Min
Typ
Max
Unit
Positive supply voltage
note 3
VCC
4.75
5
5.25
V
Positive supply current
-
ICC
-
-
400
mA
TEC supply voltage
note 3
VTEC
3.1
3.3
3.5
V
TEC supply current
-
ITEC
-
-
1200
mA
Power dissipation
Total
-
-
-
5.2
W
Input sensitivity data & clock
voltage
Single-ended
note 4
SV
0.4
0.8
1.3
Vpp
Bit rate
note 5
-
0.155
-
2.7
Gb/s
SDC,SELC,WSC High level input
Isource=200uA
-
2
-
Vcc
V
SDC,SELC,WSC Low level input
Isink=-10uA
-
0
-
0.8
V
LDA,TDA High level output
Isource=4mA
-
2.7
-
Vcc
V
LDA,TDA Low level output
Isink=-0.5mA
-
0
-
0.5
V
Normalized back face voltage
note 6
-
-
500
-
mV
Normalized back face accuracy
note 6
-
- 10
-
+ 10
%
Logic level inputs
-
-
TTL compatible
-
note 3 : Tolerable broadband noise on the power rail is under 50mVpp with frequency range of 50Hz to 1MHz.
note 4 : Internally, AC coupled with 50
Ω termination.
note 5 : If transmitter is used at more than 1.25Gb/s bit rate, Clocked-mode must be selected.
note 6 : Back face voltage is measured with a GND reference and normalized at the beginning of life relative to
the initial optical output power.
For example, a 50% drift in output power correlates to a 50% variation on the detected back face voltage.


Similar Part No. - MF-27WTA-M01MA061

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC47 MITSUBISHI-MF-27WXC-M41ZAC47 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC49 MITSUBISHI-MF-27WXC-M41ZAC49 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC51 MITSUBISHI-MF-27WXC-M41ZAC51 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC53 MITSUBISHI-MF-27WXC-M41ZAC53 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WTA-M01MA061

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Rev.PrA
logo
Vitesse Semiconductor C...
VSC830 VITESSE-VSC830 Datasheet
182Kb / 18P
   2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
logo
Finisar Corporation.
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com