Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43305E2188M000 Datasheet(PDF) 8 Page - EPCOS

Part # B43305E2188M000
Description  General-purpose grade capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43305E2188M000 Datasheet(HTML) 8 Page - EPCOS

Back Button B43305E2188M000 Datasheet HTML 4Page - EPCOS B43305E2188M000 Datasheet HTML 5Page - EPCOS B43305E2188M000 Datasheet HTML 6Page - EPCOS B43305E2188M000 Datasheet HTML 7Page - EPCOS B43305E2188M000 Datasheet HTML 8Page - EPCOS B43305E2188M000 Datasheet HTML 9Page - EPCOS B43305E2188M000 Datasheet HTML 10Page - EPCOS B43305E2188M000 Datasheet HTML 11Page - EPCOS B43305E2188M000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
1)
120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R1)
100 Hz
85
°C
A
Ordering code
(composition see below)
Composition of ordering code
* =
Terminal style
0 = snap-in standard terminals (6.3
±1) mm
2 = snap-in 3 terminals (4.5
1) mm
7 = snap-in short terminals (4.5
1) mm
VR = 200 V DC
330
22
× 25
380
520
2.72
1.38
B43305A2337M00*
390
22
× 25
320
440
2.95
1.50
B43305A2397M00*
470
22
× 30
270
370
3.38
1.72
B43305A2477M00*
470
25
× 25
270
370
3.33
1.70
B43305B2477M00*
560
22
× 35
230
310
3.82
1.95
B43305A2567M00*
560
25
× 30
230
310
3.79
1.93
B43305B2567M00*
680
22
× 40
190
260
4.34
2.21
B43305A2687M00*
680
25
× 30
190
260
4.18
2.13
B43305B2687M00*
680
30
× 25
190
260
3.82
1.95
B43305C2687M00*
820
22
× 45
150
210
4.90
2.50
B43305A2827M00*
820
25
× 35
150
210
4.76
2.42
B43305B2827M00*
820
30
× 30
150
210
4.37
2.23
B43305C2827M00*
1000
22
× 50
130
180
5.54
2.83
B43305A2108M00*
1000
25
× 40
130
180
5.42
2.76
B43305B2108M00*
1000
30
× 30
130
180
4.83
2.46
B43305C2108M00*
1000
35
× 25
130
180
4.11
2.09
B43305D2108M00*
1200
25
× 45
110
150
6.10
3.11
B43305A2128M00*
1200
30
× 35
110
150
5.48
2.79
B43305B2128M00*
1200
35
× 30
110
150
4.99
2.54
B43305C2128M00*
1500
25
× 55
85
120
7.15
3.64
B43305A2158M00*
1500
30
× 40
85
120
6.74
3.44
B43305B2158M00*
1500
35
× 30
85
120
5.58
2.84
B43305C2158M00*
1800
30
× 45
70
100
7.59
3.87
B43305A2188M00*
1800
35
× 35
70
100
6.33
3.23
B43305B2188M00*
2200
30
× 55
60
80
8.80
4.49
B43305A2228M00*
2200
35
× 40
60
80
7.22
3.68
B43305B2228M00*
2700
35
× 50
45
65
8.44
4.30
B43305A2278M00*
3300
35
× 55
40
55
9.55
4.87
B43305A2338M00*
B43305
Ultra compact
85
°C
Page 8 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43305E2188M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43305E2188M000 EPCOS-B43305E2188M000 Datasheet
1,007Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43305E2188M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41889 EPCOS-B41889 Datasheet
648Kb / 23P
   General-purpose grade capacitors
logo
List of Unclassifed Man...
MCGPR100V227M16X26-RH ETC2-MCGPR100V227M16X26-RH Datasheet
51Kb / 6P
   General Purpose Radial Capacitors
logo
Mallory performance clu...
GE151K MALLORY-GE151K Datasheet
469Kb / 3P
   General Purpose Disc Ceramic Capacitors
logo
AVX Corporation
04026D225KAT2A AVX-04026D225KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
logo
Illinois Capacitor, Inc...
102GCR050M ILLINOISCAPACITOR-102GCR050M Datasheet
24Kb / 1P
   85C General Purpose Ceramic Disc Capacitors
logo
AVX Corporation
0201ZD472KAT2A AVX-0201ZD472KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
1206YD226KAT2A AVX-1206YD226KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0603YD105KAT4A AVX-0603YD105KAT4A Datasheet
107Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
0603ZD105KAT2A AVX-0603ZD105KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
logo
Illinois Capacitor, Inc...
104CKH050M ILLINOISCAPACITOR-104CKH050M Datasheet
138Kb / 6P
   105째C General Purpose Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com