Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-27WTA-M01MA069 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # MF-27WTA-M01MA069
Description  2.7Gb/s Multi-rate WDM Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WTA-M01MA069 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  MF-27WTA-M01MA069 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA069 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA069 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA069 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA069 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA069 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA069 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA069 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA069 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UQ9-04-006
Ed:1.0
Date:22.Dec.2004
Page 7 of 9
MITSUBISHI (OPTICAL DEVICES)
MF-27WTA-M0xMAxxx
2.7Gb/s Multi-rate WDM Transmitter
Outline drawing
All Dimensions are in [mm]


Similar Part No. - MF-27WTA-M01MA069

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC47 MITSUBISHI-MF-27WXC-M41ZAC47 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC49 MITSUBISHI-MF-27WXC-M41ZAC49 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC51 MITSUBISHI-MF-27WXC-M41ZAC51 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC53 MITSUBISHI-MF-27WXC-M41ZAC53 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WTA-M01MA069

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Rev.PrA
logo
Vitesse Semiconductor C...
VSC830 VITESSE-VSC830 Datasheet
182Kb / 18P
   2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
logo
Finisar Corporation.
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com