Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-27WTA-M02MA085 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # MF-27WTA-M02MA085
Description  2.7Gb/s Multi-rate WDM Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WTA-M02MA085 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  MF-27WTA-M02MA085 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA085 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA085 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA085 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA085 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA085 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA085 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA085 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WTA-M02MA085 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UQ9-04-006
Ed:1.0
Date:22.Dec.2004
Page 2 of 9
MITSUBISHI (OPTICAL DEVICES)
MF-27WTA-M0xMAxxx
2.7Gb/s Multi-rate WDM Transmitter
Ordering Information
Type number
Output Power
Class
Target
distance
Optical
connector
Wavelength code
(xxx)
MF-27WTA-M01MAxxx
L-16.2
90 km
MF-27WTA-M02MAxxx
+7dBm ave.
(10mW peak)
U-16.2
160 km
MU / PC
See wavelength
table
Type number for sample
Output Power
Class
Target
distance
Optical
connector
Note
MF-27WTA-M0199999*
L-16.2
90 km
MF-27WTA-M0299999*
+7dBm ave
(10mW peak)
U-16.2
160 km
MU / PC
for evaluation
purpose only
*:Please contact MITSUBISHI sales office for detail.
Wavelength table
Unit : nm
note : These values are center wavelengths. All values are referred to vacuum.
When WSC pin is open (or low) module outputs wavelength 1.
When WSC pin is high module outputs wavelength 2.
Co d e
W avelen g th 1
W avelen g th 2
C ode
W avelen g th 1
W avelen g th 2
C ode
W avelen g th 1
W avelen g th 2
007
152 8.7 7
1529 .5 5
03 7
1540 .5 6
1 541.35
06 7
1 552.52
15 53.3 3
009
152 9.5 5
1530 .3 3
03 9
1541 .3 5
1 542.14
06 9
1 553.33
15 54.1 3
011
153 0.3 3
1531 .1 2
04 1
1542 .1 4
1 542.94
07 1
1 554.13
15 54.9 4
013
153 1.1 2
1531 .9 0
04 3
1542 .9 4
1 543.73
07 3
1 554.94
15 55.7 5
015
153 1.9 0
1532 .6 8
04 5
1543 .7 3
1 544.53
07 5
1 555.75
15 56.5 5
017
153 2.6 8
1533 .4 7
04 7
1544 .5 3
1 545.32
07 7
1 556.55
15 57.3 6
019
153 3.4 7
1534 .2 5
04 9
1545 .3 2
1 546.12
07 9
1 557.36
15 58.1 7
021
153 4.2 5
1535 .0 4
05 1
1546 .1 2
1 546.92
08 1
1 558.17
15 58.9 8
023
153 5.0 4
1535 .8 2
05 3
1546 .9 2
1 547.72
08 3
1 558.98
15 59.7 9
025
153 5.8 2
1536 .6 1
05 5
1547 .7 2
1 548.51
08 5
1 559.79
15 60.6 1
027
153 6.6 1
1537 .4 0
05 7
1548 .5 1
1 549.32
08 7
1 560.61
15 61.4 2
029
153 7.4 0
1538 .1 9
05 9
1549 .3 2
1 550.12
08 9
1 561.42
15 62.2 3
031
153 8.1 9
1538 .9 8
06 1
1550 .1 2
1 550.92
09 1
1 562.23
15 63.0 5
033
153 8.9 8
1539 .7 7
06 3
1550 .9 2
1 551.72
09 3
1 563.05
15 63.8 6
035
153 9.7 7
1540 .5 6
06 5
1551 .7 2
1 552.52


Similar Part No. - MF-27WTA-M02MA085

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC47 MITSUBISHI-MF-27WXC-M41ZAC47 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC49 MITSUBISHI-MF-27WXC-M41ZAC49 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC51 MITSUBISHI-MF-27WXC-M41ZAC51 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC53 MITSUBISHI-MF-27WXC-M41ZAC53 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WTA-M02MA085

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Rev.PrA
logo
Vitesse Semiconductor C...
VSC830 VITESSE-VSC830 Datasheet
182Kb / 18P
   2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
logo
Finisar Corporation.
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com