Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-27WTA-M01MA089 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MF-27WTA-M01MA089
Description  2.7Gb/s Multi-rate WDM Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WTA-M01MA089 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MF-27WTA-M01MA089 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA089 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA089 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA089 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA089 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA089 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA089 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA089 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WTA-M01MA089 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UQ9-04-006
Ed:1.0
Date:22.Dec.2004
Page 3 of 9
MITSUBISHI (OPTICAL DEVICES)
MF-27WTA-M0xMAxxx
2.7Gb/s Multi-rate WDM Transmitter
Block Diagram
Absolute Maximum Ratings
Stress below listed absolute maximum rating may cause permanent damage to the module.
This is a stress only and functional operation of the module is not implied at these or any other conditions
in excess of those given in the operational sections of this data sheet.
Exposure to Absolute Maximum Rating for extended periods may affect module reliability.
Parameter
Conditions
Symbol
min
max
unit
Operating Case Temperature Range
note 1
Tc
-5
+70
°C
Operating Relative Humidity
No condensation
allowed
RHop
5
85
%
Storage temperature
No condensation
allowed
Tstg
-40
+70
(note 2)
°C
Supply Voltage
-
Vcc
-0.3
+6.0
V
Supply Voltage
-
Vtec
-0.3
+3.65
V
Input Clock/Data DC Voltage
-
-
0
Vcc
V
Input Clock/Data Amplitude
Single-end
-
-
2
Vpp
Input Clock/Data Amplitude
Differential
-
-
1
Vpp
SDC, SELC, WSC Input Voltage
-
-
-0.3
Vcc
V
Minimum Fiber Bend radius
-
-
30
-
mm
Lead Soldering Temperature
10 sec max
-
-
250
°C
note 1 : Air flow 1.0m/sec
(approximately 200 LFPM)
note 2 : +85
°C max is acceptable for 72hours.
A.P.C
LDA
SDC
OPT.OUT
Driver IC
Modulation
Control
LD Module
VCC
VCC
PD
LD
BACK(+)
SELC
DI+
DI-
CKI+
CKI-
Integrated device
A.T.C
TDA
WSC
Cooler
Sensor
ref


Similar Part No. - MF-27WTA-M01MA089

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC47 MITSUBISHI-MF-27WXC-M41ZAC47 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC49 MITSUBISHI-MF-27WXC-M41ZAC49 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC51 MITSUBISHI-MF-27WXC-M41ZAC51 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC53 MITSUBISHI-MF-27WXC-M41ZAC53 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WTA-M01MA089

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Rev.PrA
logo
Vitesse Semiconductor C...
VSC830 VITESSE-VSC830 Datasheet
182Kb / 18P
   2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
logo
Finisar Corporation.
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com