Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRBA-06A1AX Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRBA-06A1AX
Description  NON-ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBA-06A1AX Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRBA-06A1AX Datasheet HTML 1Page - Bel Fuse Inc. VRBA-06A1AX Datasheet HTML 2Page - Bel Fuse Inc. VRBA-06A1AX Datasheet HTML 3Page - Bel Fuse Inc. VRBA-06A1AX Datasheet HTML 4Page - Bel Fuse Inc. VRBA-06A1AX Datasheet HTML 5Page - Bel Fuse Inc. VRBA-06A1AX Datasheet HTML 6Page - Bel Fuse Inc. VRBA-06A1AX Datasheet HTML 7Page - Bel Fuse Inc. VRBA-06A1AX Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
10 Vdc - 14 Vdc Input
0.75 Vdc - 6.0 Vdc/6 A Output
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
Input Reflected Ripple Current
(pk-pk)
-
120 mA
-
Input Reflected Ripple Current
(rms)
-
40 mA
-
Tested with two 100 uF/25 V tan input
capacitors & simulated source
impedance of 1uH, 5 Hz to 20 MHz.
I
2t Inrush Current Transient
-
0.002 A
2s
0.02 A
2s
Turn-on Voltage Threshold
-
9.5 V
9.8 V
Turn-off Voltage Threshold
-
9.0 V
9.5 V
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
-2%Vo,set
-
2%Vo,set
Vin=12 V, full load
Output Voltage Set Point
-2.5%Vo,set
-
3.5%Vo,set
Over all operating input voltages,
resistive loads and temperature
conditions
Load Regulation
-
0.4%Vo,set
-
Io=Io, min to Io, max
Line Regulation
-
0.3%Vo,set
-
Vin=Vin, min to Vin, max
Regulation Over Temperature
(-40
°C to +85 °C)
-
0.5%Vo,set
-
Tref=Ta, min to Ta, max
Output Current
0 A
-
6 A
Current Limit Threshold
7 A
-
15 A
Short Circuit Surge Transient
-
0.25 A
2s
-
Ripple and Noise (pk-pk)
Vo=6.0 V
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=0.75 V
-
-
-
-
-
-
85 mV
75 mV
60 mV
50 mV
40 mV
20 mV
-
-
-
-
-
-
Ripple and Noise (rms)
Vo=6.0 V
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=0.75 V
-
-
-
-
-
-
30 mV
25 mV
20 mV
15 mV
12 mV
7 mV
-
-
-
-
-
-
Tested with 0-20 MHz, with
10 uF/10 V tantalum capacitor
and 1uF/10 V ceramic capacitor
at the output
Turn on Time
-
15 mS
25 mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
ESR
≥ 1mohm
ESR
≥ 10mohm
0 uF
0 uF
-
-
1000 uF
3300 uF
Transient Response
50% ~ 100% Max Load
-
200 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
200 mV
-
Settling Time
VO = 0.75 V -
6.0 V
-
50 uS
-
di/dt=2.5 A/uS; Vin=12 V; and
with 10 uF/10 V tantalum
capacitor and 1uF/10 V
ceramic capacitor at the output
Note
: All specifications are typical at nominal input (Vin=12 V), full load at 25 °C unless otherwise stated.


Similar Part No. - VRBA-06A1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRBA-06A1AX BEL-VRBA-06A1AX Datasheet
176Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 0.75 V-6.0 V/6 A Output
More results

Similar Description - VRBA-06A1AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com