Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPB-15C Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # VRPB-15C
Description  NON-ISOLATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-15C Datasheet(HTML) 1 Page - Bel Fuse Inc.

  VRPB-15C Datasheet HTML 1Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 2Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 3Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 4Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 5Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 6Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 7Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 8Page - Bel Fuse Inc. VRPB-15C Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.3 Vdc Input
0.9 Vdc - 2.5 Vdc/15 A Output
Non-Isolated
Over Temperature Protection
High Efficiency
Under-voltage Lockout (UVLO)
High Power Density
OCP/SCP
Fixed Frequency (300 kHz)
Industrial Temperature Range
Low Cost
Remote Sense
Remote On/Off
Active Low/High (Option)
Industry Standard Footprint
Description
The Bel VRPB-15Cxxx is part of the low cost non-isolated dc/dc converter series. The modules use a SIP package
for ease of layout and space savings. The output is closely regulated and the efficiency is typically 93% at 2.5 Vdc
output at full load. Typical features include remote on/off, under-voltage lockout, over-current protection and short
circuit protection.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
2.5 Vdc
3.3 Vdc
15 A
37.5 W
93%
VRPB-15C25L
VRPB-15C25S
1.8 Vdc
3.3 Vdc
15 A
27.0 W
90%
VRPB-15C18L
VRPB-15C18S
1.5 Vdc
3.3 Vdc
15 A
22.5 W
89%
VRPB-15C15L
VRPB-15C15S
1.2 Vdc
3.3 Vdc
15 A
18.0 W
86%
VRPB-15C12L
VRPB-15C12S
0.9 Vdc
3.3 Vdc
15 A
13.5 W
83%
VRPB-15C09L
VRPB-15C09S
Notes:
1. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
2. Add “0” suffix at the end of the model number to indicate “Tube Packaging”, and “R” for “Reel
Packaging”, and “G” for “Tray Packaging”.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
4 V
Output Enable Terminal Voltage
-0.3 V
-
6 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
3 V
3.3 V
3.6 V
Input Current (full load)
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.9 V
-
-
-
-
-
-
-
-
-
-
15 A
11.5 A
9.5 A
8 A
6A
Input Current (no load)
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.9 V
-
-
-
-
-
120 mA
140 mA
160 mA
170 mA
180 mA
200 mA
200 mA
200 mA
200 mA
200 mA
VRPB-15C Series
RoHS Compliant
Rev.A


Similar Part No. - VRPB-15C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-15E BEL-VRPB-15E Datasheet
489Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
VRPB-15E09L BEL-VRPB-15E09L Datasheet
489Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
VRPB-15E09L BEL-VRPB-15E09L Datasheet
497Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS
VRPB-15E09S BEL-VRPB-15E09S Datasheet
489Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
VRPB-15E09S BEL-VRPB-15E09S Datasheet
497Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRPB-15C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com