Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPF-15A1AC Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # VRPF-15A1AC
Description  NON-ISOLATED DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPF-15A1AC Datasheet(HTML) 4 Page - Bel Fuse Inc.

  VRPF-15A1AC_07 Datasheet HTML 1Page - Bel Fuse Inc. VRPF-15A1AC_07 Datasheet HTML 2Page - Bel Fuse Inc. VRPF-15A1AC_07 Datasheet HTML 3Page - Bel Fuse Inc. VRPF-15A1AC_07 Datasheet HTML 4Page - Bel Fuse Inc. VRPF-15A1AC_07 Datasheet HTML 5Page - Bel Fuse Inc. VRPF-15A1AC_07 Datasheet HTML 6Page - Bel Fuse Inc. VRPF-15A1AC_07 Datasheet HTML 7Page - Bel Fuse Inc. VRPF-15A1AC_07 Datasheet HTML 8Page - Bel Fuse Inc. VRPF-15A1AC_07 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTER
12 Vdc Input
1.2 Vdc - 5.0 Vdc/15 A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency (Current Source)
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.25 V
Vo=1.2 V
90%
87%
84%
80%
78%
76%
76%
92%
89%
87%
82%
80%
79%
79%
-
-
-
-
-
-
-
Efficiency (Current Sink)
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.25 V
Vo=1.2 V
88%
84%
81%
77%
73%
68%
68%
91%
87%
84%
80%
76%
71%
71%
-
-
-
-
-
-
-
Measured at Vin=12 V, full load.
Switching Frequency
200 kHz
220 kHz
240 kHz
Output Voltage Trim Range
1.2 V
-
5.0 V
Vo=1.2 V when the Trim pin is open.
MTBF
3,664,032 hours
Calculated Per Bell Core SR-332 (IO =
12 A, Vin=12 V; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.2 x 1.0 x 0.457
30.48 x 25.4 x 11.6
Weight
-
14.2 g
-
Note
: All specifications are typical at 25 °C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
0 V
-
1 V
Signal High (Unit On)
2.4 V
-
13.2 V
Remote On/Off pin open, the module is
ON.
Power Good
Power Good Delay
1
-
-
10 mS
Signal Low
2
-
0.3 V
-
Current Sink
-
5 mA
-
Notes
: All specifications are typical at 25 °C unless otherwise stated.
1. Power good delay time is the time from output voltage in full regulation to power good asserted.
2. The power good signal is an open collector output. When the output of the module reaches 90%
of the nominal set point, the power good pin is set high.


Similar Part No. - VRPF-15A1AC_07

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPF-15A1AC BEL-VRPF-15A1AC Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12 V Input 1.2 V-5.0 V/15 A Output
More results

Similar Description - VRPF-15A1AC_07

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
M57184N-715BF ISAHAYA-M57184N-715BF Datasheet
269Kb / 5P
   NON-ISOLATED DC-DC CONVERTER
M57184N-515AF ISAHAYA-M57184N-515AF Datasheet
263Kb / 5P
   NON-ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com