Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRAH-01HXX0 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # XRAH-01HXX0
Description  NON-ISOLATED DC/DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRAH-01HXX0 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  XRAH-01HXX0 Datasheet HTML 1Page - Bel Fuse Inc. XRAH-01HXX0 Datasheet HTML 2Page - Bel Fuse Inc. XRAH-01HXX0 Datasheet HTML 3Page - Bel Fuse Inc. XRAH-01HXX0 Datasheet HTML 4Page - Bel Fuse Inc. XRAH-01HXX0 Datasheet HTML 5Page - Bel Fuse Inc. XRAH-01HXX0 Datasheet HTML 6Page - Bel Fuse Inc. XRAH-01HXX0 Datasheet HTML 7Page - Bel Fuse Inc. XRAH-01HXX0 Datasheet HTML 8Page - Bel Fuse Inc. XRAH-01HXX0 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTER
4.5 Vdc - 32 Vdc Input
1.2 Vdc - 5.0 Vdc/1 A Output
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
Input Reflected Ripple Current
(pk-pk)
-
300 mA
420 mA
Input Reflected Ripple Current
(rms)
-
100 mA
160 mA
Tested with simulated source impedance of 500nH,
5 Hz to 20 MHz and one 100 uF/50 V electrolytic
capacitor and a 3.3 uF/50 V ceramic capacitor at
the input
I
2t Inrush Current Transient
-
0.02 A
2s
0.1 A
2s
Turn on Voltage Threshold
VO=5.0 V
VO=1.2 V-3.3 V
-
-
5.0 V
4.1 V
7.0 V
4.5 V
Turn off Voltage Threshold
VO=5.0 V
VO=1.2 V-3.3 V
-
-
3.6 V
3.3 V
5.0 V
4.0 V
Note
: All specifications are typical at 25 °C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
4.90 V
3.234 V
2.450 V
1.764 V
1.470 V
1.176 V
5.0 V
3.3 V
2.5 V
1.8 V
1.5 V
1.2 V
5.10 V
3.366 V
2.550 V
1.836 V
1.530 V
1.224 V
Test conditions:
Vin=20 V, Io=50% full
load
Line Regulation
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
-
-
-
-
-
-
±5 mV
±3 mV
±2 mV
±2 mV
±1 mV
±1 mV
±10 mV
±6 mV
±5 mV
±4 mV
±3 mV
±2 mV
Load Regulation
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
-
-
-
-
-
-
±5 mV
±3 mV
±2 mV
±2 mV
±1 mV
±1 mV
±10 mV
±6 mV
±5 mV
±4 mV
±3 mV
±2 mV
Regulation Over Temperature
(-40
°C to +85 °C)
-
±10 mV
±20 mV
Output Current
0 A
-
1 A
Current Limit Threshold
2 A
-
3 A
Short Circuit Surge Transient
-
0.02 A
2s
0.1 A
2s
Ripple and Noise (rms)
-
6 mV
10 mV
Ripple and Noise (pk-pk)
-
60 mV
100 mV
Test condition: 0-20 MHz
BW
Turn on Time
-
6 mS
30 mS
Overshoot at Turn on
-
2%
5%
Output Capacitance
0 uF
-
400 uF


Similar Part No. - XRAH-01HXX0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRAH-01H1A0 BEL-XRAH-01H1A0 Datasheet
167Kb / 7P
   NON-ISOLATED DC/DC CONVERTER 4.5 V-32 V Input 1.2 V-3.3 V/1 A Output
XRAH-01H1A0 BEL-XRAH-01H1A0 Datasheet
335Kb / 9P
   NON-ISOLATED DC/DC CONVERTER
XRAH-01H1A0 BEL-XRAH-01H1A0_07 Datasheet
335Kb / 9P
   NON-ISOLATED DC/DC CONVERTER
More results

Similar Description - XRAH-01HXX0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
M57184N-715BF ISAHAYA-M57184N-715BF Datasheet
269Kb / 5P
   NON-ISOLATED DC-DC CONVERTER
M57184N-515AF ISAHAYA-M57184N-515AF Datasheet
263Kb / 5P
   NON-ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com