Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRPB-15C09S Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # VRPB-15C09S
Description  NON-ISOLATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPB-15C09S Datasheet(HTML) 4 Page - Bel Fuse Inc.

  VRPB-15C09S Datasheet HTML 1Page - Bel Fuse Inc. VRPB-15C09S Datasheet HTML 2Page - Bel Fuse Inc. VRPB-15C09S Datasheet HTML 3Page - Bel Fuse Inc. VRPB-15C09S Datasheet HTML 4Page - Bel Fuse Inc. VRPB-15C09S Datasheet HTML 5Page - Bel Fuse Inc. VRPB-15C09S Datasheet HTML 6Page - Bel Fuse Inc. VRPB-15C09S Datasheet HTML 7Page - Bel Fuse Inc. VRPB-15C09S Datasheet HTML 8Page - Bel Fuse Inc. VRPB-15C09S Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.3 Vdc Input
0.9 Vdc - 2.5 Vdc/15 A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=0.9 V
91%
88%
87%
84%
80%
93%
90%
89%
86%
83%
-
-
-
-
-
Measured at Vin=3.3 V, full load.
Switching Frequency
250 kHz
300 kHz
340 kHz
Output Voltage Trim Range
Vo=2.5 V
Vo=0.9 V-1.8 V
90% VO
90% VO
-
-
105% VO
110% VO
Remote Sense Compensation
VO=2.5 V
VO=0.9 V-1.8 V
-
-
-
-
5% VO
10% VO
The total output adjust range will not be
higher than 105% Vo for 2.5 V module,
and 110% Vo for other modules.
MTBF
4,163,010 hours
Calculated Per Bell Core SR-332
(Vin=3.3 V, IO = 12 A; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.0 x 0.55 x 0.387
50.8 x 13.97 x 9.84
Weight
-
9.2 g
-
Note
: All specifications are typical at 25 °C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.3 V
-
0.8 V
Signal High (Unit On)
2.5 V
-
5.5 V
VRPB-15CxxS
Signal Low (Unit On)
-0.3 V
-
0.8 V
Signal High (Unit Off)
2.5 V
-
5.5 V
VRPB-15CxxL
Output Trim Equations
Equations for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) and the nominal
output voltage of the converter (Vnom) are shown below. The Trim Down resistor should be connected between
the Trim pin and Vout. The Trim Up resistor should be connected between the Trim pin and Ground. Only one of
the resistors should be used for any given application.
B
V
V
V
A
R
adj
nom
adj
down
trim
=
)
8
.
0
(
_
D
V
V
C
R
nom
adj
up
trim
=
_
Vnom
A
B
C
D
2.5 V
2.370
4.990
1.896
4.990
1.8 V
2.370
4.990
1.896
4.990
1.5 V
2.370
4.990
1.896
4.990
1.2 V
2.490
2.370
1.992
2.370
0.9 V
1.050
0.010
0.840
0.010
Module
Vout
GND
Sense
trim
Rtrim_down
Rtrim_up
Module
Vout
GND
Sense
trim


Similar Part No. - VRPB-15C09S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-15E BEL-VRPB-15E Datasheet
489Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
VRPB-15E09L BEL-VRPB-15E09L Datasheet
489Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
VRPB-15E09L BEL-VRPB-15E09L Datasheet
497Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS
VRPB-15E09S BEL-VRPB-15E09S Datasheet
489Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 13.2 V Input 0.9 V - 5.0 V/15 A Output
VRPB-15E09S BEL-VRPB-15E09S Datasheet
497Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRPB-15C09S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com