Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-27WXE-M11ZA270 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # MF-27WXE-M11ZA270
Description  100Mbps-2.7Gbps, Multi-Rate DWDM SFP TRANSCEIVER MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WXE-M11ZA270 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button MF-27WXE-M11ZA270 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA270 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA270 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA270 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA270 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA270 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA270 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA270 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MF-27WXE-M11ZA270 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
UQ9-06-010
Ed:1.4
Date:02.Nov.2006
Page 6 of 14
MITSUBISHI (OPTICAL DEVICES)
MF-27WXE Series
100Mbps-2.7Gbps, Multi-Rate DWDM SFP TRANSCEIVER MODULE
7. Digital Diagnostic Monitoring Accuracy
The diagnostic monitoring features internal calibration, and is calibrated over operating temperature and
voltage range. The monitor parameters are represented as defined in SFF-8472.
These parameters of the monitoring accuracy are guaranteed, as long as operating conditions of this SFP
transceiver do not exceed ranges defined below.
Digital Diagnostic Monitoring Accuracy
Parameter
Min.
Max.
Unit
Range for Accurate Monitoring
Transceiver Temperature
*
-3
+3
°C
-5 to 70
°C
Supply Voltage
-3
+3
%
3 to 3.6 V
TX Bias Current
-10
+10
%
-
TX Optical Power
-3
+3
dB
0 to 4 dBm
RX Optical Power
-3
+3
dB
-29 to -7dBm
*Transceiver Temperature is defined as an internal temperature.
8. Transceiver pin allocation
No.
Symbol
Description
No.
Symbol
Description
1
TX GND
Transmitter Ground
11
RX GND
Receiver Ground
2
TX_FAULT
Transmitter Fault Indication
12
RD-
Receiver Data Output-Bar
3
TX_DISABLE
Transmitter Disable
13
RD+
Receiver Data Output
4
MOD_DEF[2]
Module Definition 2
14
RX GND
Receiver Ground
5
MOD_DEF[1]
Module Definition 1
15
RX Vcc
Receiver Power Supply
6
MOD_DEF[0]
Module Definition 0
16
TX Vcc
Transmitter Power Supply
7
NUC
No user connection
17
TX GND
Transmitter Ground
8
RX_LOS
Loss of Signal
18
TD+
Transmitter Data in
9
RX GND
Receiver Ground
19
TD-
Transmitter Data in-Bar
10
RX GND
Receiver Ground
20
TX GND
Transmitter Ground


Similar Part No. - MF-27WXE-M11ZA270

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC47 MITSUBISHI-MF-27WXC-M41ZAC47 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC49 MITSUBISHI-MF-27WXC-M41ZAC49 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC51 MITSUBISHI-MF-27WXC-M41ZAC51 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC53 MITSUBISHI-MF-27WXC-M41ZAC53 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WXE-M11ZA270

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FTLX3671MTC20 FINISAR-FTLX3671MTC20 Datasheet
502Kb / 14P
   Industrial Temperature DWDM 10G Multi-Rate, 40km SFP Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com