Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRAH-10J Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # XRAH-10J
Description  NON-ISOLATED DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRAH-10J Datasheet(HTML) 1 Page - Bel Fuse Inc.

  XRAH-10J_07 Datasheet HTML 1Page - Bel Fuse Inc. XRAH-10J_07 Datasheet HTML 2Page - Bel Fuse Inc. XRAH-10J_07 Datasheet HTML 3Page - Bel Fuse Inc. XRAH-10J_07 Datasheet HTML 4Page - Bel Fuse Inc. XRAH-10J_07 Datasheet HTML 5Page - Bel Fuse Inc. XRAH-10J_07 Datasheet HTML 6Page - Bel Fuse Inc. XRAH-10J_07 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.5 Vdc Input
0.9 Vdc - 1.65 Vdc/10 A Output
• Non-Isolated
• Remote On/Off
• Low Profile Package (7.82 mm)
• Short Circuit Protection
• Fixed Frequency (300 kHz)
• Over Current Protection
• Under-Voltage Lockout (UVLO)
• UL60950-1 Recognized (UL/cUL)
• Trim Function
Description
The Bel xRAH-10Jxx0 is part of the low cost non-isolated dc/dc power converter series. The modules use a SMD
or SIP package for ease of layout and space savings. The output is closely regulated and the efficiency of 1.5
Vdc output is typically 88% at full load. Typical features include remote on/off, input under voltage lockout, over
current protection and short circuit protection.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Part Number
Surface Mount
Part Number
Vertical Mount
1.5 V
2.5 V
10 A
15 W
88%
SRAH-10J150
VRAH-10J150
1.2 V
2.5 V
10 A
12 W
83%
SRAH-10J120
VRAH-10J120
1.0 V
2.5 V
10 A
10 W
80%
SRAH-10J100
VRAH-10J100
Notes:
1. Add “0” suffix at the end of the model number to indicate “Tube Packaging”, and “R” for “Reel
Packaging”, and “G” for “Tray Packaging”.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
6 V
Output Enable Terminal Voltage
-0.3 V
-
7 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
2.25 V
2.5 V
2.75 V
Input Current (no load)
-
75 mA
-
Input Current (full load)
Vo=1.5 V
Vo=1.2 V
Vo=1.0 V
-
-
-
6.8 A
5.6 A
4.9 A
-
-
-
Remote Off Input Current
-
4 mA
8 mA
Input Reflected Ripple Current
(pk-pk)
-
80 mA
150 mA
Input Reflected Ripple Current
(rms)
-
25 mA
50 mA
Tested with simulated source
impedance of 500 nH, 5 Hz to 20 MHz;
with a 270 uF/16 V with ESR=0.018
ohm max, at 100 kHz at 25
°C
I
2t Inrush Current Transient
-
0.04 A
2s
0.10 A
2s
Turn on Voltage Threshold
2 V
2.1 V
2.15 V
Turn off Voltage Threshold
1.8 V
2 V
2.15 V
xRAH-10J Series
RoHS Compliant
Rev.A


Similar Part No. - XRAH-10J_07

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRAH-10JXX0 BEL-XRAH-10JXX0 Datasheet
244Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRAH-10J_07

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com