Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-50R08X Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # XRSB-50R08X
Description  ISOLATED DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-50R08X Datasheet(HTML) 1 Page - Bel Fuse Inc.

  XRSB-50R08X Datasheet HTML 1Page - Bel Fuse Inc. XRSB-50R08X Datasheet HTML 2Page - Bel Fuse Inc. XRSB-50R08X Datasheet HTML 3Page - Bel Fuse Inc. XRSB-50R08X Datasheet HTML 4Page - Bel Fuse Inc. XRSB-50R08X Datasheet HTML 5Page - Bel Fuse Inc. XRSB-50R08X Datasheet HTML 6Page - Bel Fuse Inc. XRSB-50R08X Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
24 Vdc Input
8 Vdc / 5 A Output
1/16 Brick
Isolated
Input Under Voltage Lockout
Fixed Frequency (600 kHz)
Output Over Voltage Shutdown
High Efficiency
OCP/SCP
High Power Density
Over Temperature Protection
Low Cost
Remote On/Off (option)
Output Voltage Trim
Positive/Negative Remote Sense
Basic Insulation
Through Hole and SMT (option)
Description
The xRSB-50R08x series are isolated dc/dc converters that operate from a nominal 24 Vdc source. These units
will provide up to 40 W of output power from a nominal 24 Vdc input. These units are designed to be highly
efficient and low cost. Features include remote on/off, over current protection and under voltage lockout. These
converters are provided in an industry standard sixteenth brick package.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
8 V
18 V - 36 V
5 A
40 W
90%
xRSB-50R08L
xRSB-50R080
Notes: 1. Add “G” suffix at the end of the model number to indicate Tray Packaging. Replace”x” with “S” to
indicate SMT package, or “0” to indicate through hole package.
2. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
40 V
Remote On/Off
-0.3 V
-
18 V
I/O Isolation Voltage
-
-
1500 V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
18 V
24 V
36 V
Input Current (full load)
-
-
3.5 A
Input Current (no load)
-
80 mA
160 mA
Remote Off Input Current
-
1 mA
3 mA
Input Reflected Ripple Current (pk-pk)
-
20 mA
50 mA
Input Reflected Ripple Current (rms)
-
3 mA
7 mA
Tested with simulated source impedance of
15 uH, 5 Hz to 20 MHz; use a 100 uF/100 V
electrolytic capacitor with ESR=1 ohm max at
200 kHz at the input.
I
2t Inrush Current Transient
-
0.01 A
2s0.02 A2s
Turn On Voltage Threshold
-
17 V
-
Turn Off Voltage Threshold
-
16 V
-
Note: All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
xRSB-50R08x
RoHS Compliant
Rev.A


Similar Part No. - XRSB-50R08X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-50T BEL-XRSB-50T Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
XRSB-50T BEL-XRSB-50T Datasheet
422Kb / 13P
   48 Vdc Input 1.5 Vdc - 12 Vdc / 22 A - 5 A Outputs, 1/16 Brick
XRSB-50T025 BEL-XRSB-50T025 Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-50T025 BEL-xRSB-50T025 Datasheet
422Kb / 13P
   ISOLATED DC/DC CONVERTERS
XRSB-50T02L BEL-XRSB-50T02L Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-50R08X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com