Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-50R080 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # XRSB-50R080
Description  ISOLATED DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-50R080 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  XRSB-50R080 Datasheet HTML 1Page - Bel Fuse Inc. XRSB-50R080 Datasheet HTML 2Page - Bel Fuse Inc. XRSB-50R080 Datasheet HTML 3Page - Bel Fuse Inc. XRSB-50R080 Datasheet HTML 4Page - Bel Fuse Inc. XRSB-50R080 Datasheet HTML 5Page - Bel Fuse Inc. XRSB-50R080 Datasheet HTML 6Page - Bel Fuse Inc. XRSB-50R080 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
24 Vdc Input
8 Vdc / 5 A Output
1/16 Brick
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
7.88 V
8 V
8.12 V
Vin=24 V; Io=50% load
Line Regulation
-
±5 mV
±10 mV
Load Regulation
-
±5 mV
±10 mV
Regulation Over Temperature(-40
°C to +85 °C)
-
±20 mV
±35 mV
Output Current
0 A
-
5 A
Current Limit Threshold
6 A
7.5 A
9 A
Short Circuit Surge Transient
-
0.5 A
2s
1 A
2s
Ripple and Noise (rms)
-
10 mV
20 mV
Ripple and Noise (pk-pk)
-
40 mV
75 mV
Tested at 0-20 MHz BW,
with a 1 uF ceramic
capacitor and a 10 uF
Tantalum capacitor at the
output.
Turn on Time
-
24 mS
50 mS
Overshoot at Turn on
-
0%
5%
Output Capacitance
100 uF
-
680 uF
Transient Response
Overshoot
-
150 mV
250 mV
25% ~ 50%
Max Load
Settling Time
-
120 uS
250 uS
Overshoot
-
150 mV
250 mV
50% ~ 25%
Max Load
Settling Time
Vo=8 V
-
120 uS
250 uS
Test conditions: di/dt = 0.1
A/uS, Vin=24 V, with a 1
uF ceramic capacitor and
a 10 uF Tantalum
capacitor at the output.
Note: All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
87%
90%
-
Vin=24 V; Io=Io, max; full load
Switching Frequency
540 kHz
600 kHz
660 kHz
Isolation Capacitance
-
3900 pF
-
Output Voltage Trim Range
90% Vo
-
110% Vo
Over Temperature Protection
120
°C
-
140
°C
Over Voltage Protection
-
130% Vo
140% Vo
Test conditions: Vin=24 V, full load and
short the feedback optocoupler.
MTBF
TBD
Calculated Per Bell Core SR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.3 x 0.9 x 0.334
33.0 x 22.9 x 8.49
SMT Package
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.3 x 0.9 x 0.378
33.0 x 22.9 x 9.60
Through Hole Package
Weight
-
13 g
-
Note: All specifications are typical at 25 °C unless otherwise stated.


Similar Part No. - XRSB-50R080

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-50T BEL-XRSB-50T Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
XRSB-50T BEL-XRSB-50T Datasheet
422Kb / 13P
   48 Vdc Input 1.5 Vdc - 12 Vdc / 22 A - 5 A Outputs, 1/16 Brick
XRSB-50T025 BEL-XRSB-50T025 Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-50T025 BEL-xRSB-50T025 Datasheet
422Kb / 13P
   ISOLATED DC/DC CONVERTERS
XRSB-50T02L BEL-XRSB-50T02L Datasheet
444Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-50R080

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com