Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-50TV80 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # XRSB-50TV80
Description  ISOLATED DC/DC CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-50TV80 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  XRSB-50TV80 Datasheet HTML 1Page - Bel Fuse Inc. XRSB-50TV80 Datasheet HTML 2Page - Bel Fuse Inc. XRSB-50TV80 Datasheet HTML 3Page - Bel Fuse Inc. XRSB-50TV80 Datasheet HTML 4Page - Bel Fuse Inc. XRSB-50TV80 Datasheet HTML 5Page - Bel Fuse Inc. XRSB-50TV80 Datasheet HTML 6Page - Bel Fuse Inc. XRSB-50TV80 Datasheet HTML 7Page - Bel Fuse Inc. XRSB-50TV80 Datasheet HTML 8Page - Bel Fuse Inc. XRSB-50TV80 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
48 Vdc Input 1.2 Vdc - 12 Vdc / 25 A - 5 A Outputs, 1/16 Brick
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Current Limit Threshold
Vo=1.2 V
Vo=1.5 V
Vo=1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
30 A
28 A
24 A
22 A
19 A
14 A
5.2 A
40 A
34 A
28 A
26 A
22 A
19 A
6.5 A
47 A
40 A
34 A
30 A
26 A
24 A
8.5 A
Short Circuit Surge Transient
-
0.5 A
2s
1 A
2s
Ripple and Noise (rms)
Vo=1.2 - 1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
-
-
-
-
-
6 mV
10 mV
12 mV
25 mV
30 mV
12 mV
20 mV
25 mV
50 mV
55 mV
Ripple and Noise (pk-pk)
Vo=1.2 - 1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
-
-
-
-
-
40 mV
45 mV
55 mV
70 mV
90 mV
70 mV
80 mV
90 mV
120 mV
180 mV
Tested at 0-20 MHz
BW, with a 1 uF
ceramic capacitor and
a Tantalum capacitor
(refer to the min.
output capacitance
below for each output)
at the output.
Turn on Time
-
35 mS
70 mS
Overshoot at Turn on
-
0%
5%
Output Capacitance
Vo=1.2 V
Vo=1.5 V
Vo=1.8 - 2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
470 uF
470 uF
470 uF
220 uF
100 uF
22 uF
-
-
-
-
-
-
20000 uF
15000 uF
10000 uF
5600 uF
4700 uF
470 uF
Recommend to use
AVX TPS series
Tantalum capacitor as
the min capacitor
Transient Response
Overshoot
-
40 mV
80 mV
25% ~ 50%
Max Load
Settling Time
-
80 uS
150 uS
Overshoot
-
40 mV
80 mV
50% ~ 25%
Max Load
Settling Time
Vo=1.2 V
-
80 uS
150 uS
Overshoot
-
110 mV
150 mV
25% ~ 50%
Max Load
Settling Time
-
110 uS
180 uS
Overshoot
-
110 mV
150 mV
50% ~ 25%
Max Load
Settling Time
Vo=1.5 - 1.8 V
-
110 uS
180 uS
Overshoot
-
150 mV
250 mV
25% ~ 50%
Max Load
Settling Time
-
120 uS
200 uS
Overshoot
-
150 mV
250 mV
50% ~ 25%
Max Load
Settling Time
Vo=2.5 - 3.3 V
-
120 uS
200 uS
Overshoot
-
220 mV
350 mV
25% ~ 50%
Max Load
Settling Time
-
120 uS
250 uS
Overshoot
-
220 mV
350 mV
50% ~ 25%
Max Load
Settling Time
Vo=5.0 V
-
120 uS
250 uS
Overshoot
-
400 mV
650 mV
25% ~ 50%
Max Load
Settling Time
-
150 uS
300 uS
Overshoot
-
400 mV
650 mV
50% ~ 25%
Max Load
Settling Time
Vo=12 V
-
150 uS
300 uS
Test conditions: di/dt
= 0.1 A/uS, Vin=48 V,
with a 1uF ceramic
capacitor and a
Tantalum capacitor
(refer to the min.
output capacitance
above for each
output) at the output.
Note:
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.


Similar Part No. - XRSB-50TV80

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
xRSB-50TV80 BEL-xRSB-50TV80 Datasheet
422Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-50TV80

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com