Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-27WXE-M31ZA210 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MF-27WXE-M31ZA210
Description  100Mbps-2.7Gbps, Multi-Rate DWDM SFP TRANSCEIVER MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WXE-M31ZA210 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MF-27WXE-M31ZA210 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA210 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA210 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA210 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA210 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA210 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA210 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA210 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WXE-M31ZA210 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
UQ9-06-010
Ed:1.4
Date:02.Nov.2006
Page 3 of 14
MITSUBISHI (OPTICAL DEVICES)
MF-27WXE Series
100Mbps-2.7Gbps, Multi-Rate DWDM SFP TRANSCEIVER MODULE
5. Electrical characteristics
All parameters are specified over the operating case temperature.
Measurement conditions are at 2.666057Gbps +/-20ppm, NRZ PN2
23-1 and 50%duty cycle data signal.
The DATA input/output signal interface is AC-coupled internally.
TX_DISABLE input signal level is LVTTL compatible. (With internally pull-up 4.7k to 10k
Ω)
TX_FAULT and LOS (Loss Of Signal) output are Open-Collector/drain, and the levels indicated assuming 4.7k
to 10k ohm pull up resistor to Host_Vcc is present.
Parameters
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Vcc
3.13
3.3
3.47
V
Power consumption
Pc
-
1.0
1.4
W
VIH
2.0
-
Vcc
V
TX_DISABLE Input voltage
VIL
0
-
0.8
V
VOH
2.0
-
Vcc
V
TX_FAULT Output voltage
VOL
0
-
0.5
V
VOH
2.0
-
Vcc
V
RX_LOS Output voltage
VOL
0
-
0.5
V
VOH
Vcc
× 0.8
-
Vcc
V
MOD_DEF[2] Output voltage
VOL
-
-
0.4
V
VIH
Vcc
× 0.7
-
Vcc
V
MOD_DEF[1], [2] Input voltage
VIL
0
-
Vcc
× 0.3
V
Input Amplitude, Differential
VT
500
-
1800
mVP-P
Input Impedance, Differential
RT
-
100
-
Ω
Output Amplitude, Differential
VO
370
-
1600
mVP-P
Output Impedance, Differential
RO
-
100
-
Ω
Data Output Rise/Fall Time
(20% to 80%)
Tr/Tf
-
-
150
ps
Electrical Input Data Return Loss
100MHz < f < 1.2GHz(Differential)
Rld1
12
-
-
dB
Electrical Input Data Return Loss
1.2GHz < f < 2.7GHz(Differential)
Rld2
8
-
-
dB


Similar Part No. - MF-27WXE-M31ZA210

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC47 MITSUBISHI-MF-27WXC-M41ZAC47 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC49 MITSUBISHI-MF-27WXC-M41ZAC49 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC51 MITSUBISHI-MF-27WXC-M41ZAC51 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-27WXC-M41ZAC53 MITSUBISHI-MF-27WXC-M41ZAC53 Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results

Similar Description - MF-27WXE-M31ZA210

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871DCC17 FINISAR-FTLX3871DCC17 Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCC17 FINISAR-FTLX3871MCC17 Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX6872MCC FINISAR-FTLX6872MCC Datasheet
805Kb / 15P
   10Gb/s DWDM 80km Multi-Rate Tunable SFP Transceiver
FTLX3671MTC20 FINISAR-FTLX3671MTC20 Datasheet
502Kb / 14P
   Industrial Temperature DWDM 10G Multi-Rate, 40km SFP Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX6871MCC FINISAR-FTLX6871MCC Datasheet
586Kb / 13P
   10GB/S DWDM 80KM MULTI-RATE TUNABLE SFP
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com