Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D3522-0.5 Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part # 3D3522-0.5
Description  MONOLITHIC MANCHESTER DECODER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3522-0.5 Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

  3D3522-0.5 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3522-0.5 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3522-0.5 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3522-0.5 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3D3522
SILICON DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC ± 3oC
Rload:
10K
Ω ± 10%
Supply Voltage (Vcc): 5.0V
± 0.1V
Cload:
5pf
± 10%
Input Pulse:
High = 3.0V
± 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
± 0.1V
Source Impedance:
50
Ω Max.
10K
470
5pf
Device
Under
Test
Digital
Scope
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width:
PWIN = 1/(2*BAUD)
Period:
PERIN = 1/BAUD
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
OUT
TRIG
IN
TRIG
Figure 2: Test Setup
DEVICE UNDER
TEST (DUT)
DIGITAL SCOPE
WAVEFORM
GENERATOR
OUT
IN
COMPUTER
SYSTEM
PRINTER
Figure 3: Timing Diagram
tPLH
tPHL
PERIN
PWIN
tRISE
tFALL
0.6V
0.6V
1.5V
1.5V
2.4V
2.4V
1.5V
1.5V
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL
Doc #06005
DATA DELAY DEVICES, INC.
4
5/8/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - 3D3522-0.5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3521 DATADELAY-3D3521 Datasheet
229Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D3521D DATADELAY-3D3521D Datasheet
229Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D3521G DATADELAY-3D3521G Datasheet
229Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D3521H DATADELAY-3D3521H Datasheet
229Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D3521M DATADELAY-3D3521M Datasheet
229Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
More results

Similar Description - 3D3522-0.5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7522 DATADELAY-3D7522 Datasheet
257Kb / 4P
   MONOLITHIC MANCHESTER DECODER
3D7502-10 DATADELAY-3D7502-10 Datasheet
38Kb / 4P
   MONOLITHIC MANCHESTER DECODER
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Data Delay Devices, Inc...
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D7523 DATADELAY-3D7523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D3523 DATADELAY-3D3523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com