Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F8323MFB60 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC56F8323MFB60
Description  16-bit Digital Signal Controllers
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8323MFB60 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC56F8323MFB60 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8323MFB60 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8323MFB60 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC56F8323MFB60 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC56F8323MFB60 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC56F8323MFB60 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC56F8323MFB60 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC56F8323MFB60 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC56F8323MFB60 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 140 page
background image
Architecture Block Diagram
56F8323 Technical Data, Rev. 17
Freescale Semiconductor
11
Preliminary
1.4 Architecture Block Diagram
Note: Features in italics are NOT available in the 56F8123 device and are shaded in the following figures.
The 56F8323/56F8123 architecture is shown in Figure 1-1 and Figure 1-2. Figure 1-1 illustrates how the
56800E system buses communicate with internal memories and the IPBus Bridge. Table 1-2 lists the
internal buses in the 56800E architecture and provides a brief description of their function. Figure 1-2
shows the peripherals and control blocks connected to the IPBus Bridge. The figures do not show the
on-board regulator and power and ground signals. They also do not show the multiplexing between
peripherals or the dedicated GPIOs. Please see Part 2 Signal/Connection Descriptions, to see which
signals are multiplexed with those of other peripherals.
Also shown in Figure 1-2 are connections between the PWM, Timer C and ADC blocks. These
connections allow the PWM and/or Timer C to control the timing of the start of ADC conversions. The
Timer C, Channel 2, output can generate periodic start (SYNC) signals to the ADC to start its conversions.
In another operating mode, the PWM load interrupt (SYNC output) signal is routed internally to the Timer
C, Channel 2, input as indicated. The timer can then be used to introduce a controllable delay before
generating its output signal. The timer output then triggers the ADC. To fully understand this interaction,
please see the 56F8300 Peripheral User Manual for clarification on the operation of all three of these
peripherals.


Similar Part No. - MC56F8323MFB60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC56F8323MFB60 MOTOROLA-MC56F8323MFB60 Datasheet
1Mb / 140P
   16-bit Hybrid Controllers
More results

Similar Description - MC56F8323MFB60

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com