Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D3622D-5 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D3622D-5
Description  22-BIT PROGRAMMABLE PULSE GENERATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3622D-5 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D3622D-5 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3622D-5 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3622D-5 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3622D-5 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D3622D-5 Datasheet HTML 5Page - Data Delay Devices, Inc. 3D3622D-5 Datasheet HTML 6Page - Data Delay Devices, Inc. 3D3622D-5 Datasheet HTML 7Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3D3622
APPLICATION NOTES
GENERAL INFORMATION
Figure 1 illustrates the main functional blocks of
the 3D3622. Since the 3D3622 is a CMOS
design, all unused input pins must be returned to
well-defined logic levels, VDD or Ground.
The pulse generator architecture is comprised of
a number of delay cells, which are controlled by
the 6 LSB bits of the address, and an oscillator &
counter, which are controlled by the 16 MSB bits
of the address. Each device is individually
trimmed for maximum accuracy and linearity
throughout the address range. The change in
pulse width from one address setting to the next
is called the increment, or LSB. It is nominally
equal to the device dash number. The minimum
pulse width, achieved by setting the address to
zero, is called the inherent pulse width.
For dash numbers larger than 15, the 6 LSB bits
are invalid, and the address loaded must
therefore be a multiple of 64 (ie, 0, 64, 128, 192,
etc). When used in this manner, the device is
essentially a 16-bit generator, with an effective
increment equal to 64 times the dash number.
For best performance, it is essential that the
power supply pin be adequately bypassed and
filtered. In addition, the power bus should be of
as low an impedance construction as possible.
Power planes are preferred. Also, signal traces
should be kept as short as possible.
PULSE WIDTH ACCURACY
There are a number of ways of characterizing the
pulse width accuracy of a programmable pulse
generator. The first is the differential nonlinearity
(DNL), also referred to as the increment error. It
is defined as the deviation of the increment at a
given address from its nominal value. For most
dash numbers, the DNL is within 0.5 LSB at
every address (see Table 1: Pulse Width Step).
The integrated nonlinearity (INL) is determined
by first constructing the least-squares best fit
straight line through the pulse-width-versus-
address data. The INL is then the deviation of a
given width from this line. For all dash numbers,
the INL is within 1.0 LSB at every address.
The relative error is defined as follows:
erel = (tPW – tinh) – addr * tinc
where addr is the address, tPW is the measured
width at this address, tinh is the measured
inherent width, and tinc is the nominal increment.
It is very similar to the INL, but simpler to
calculate. For most dash numbers, the relative
error is less than 1.0 LSB at every address (see
Table 1).
The absolute error is defined as follows:
eabs = tPW – (tinh + addr * tinc)
where tinh is the nominal inherent delay. The
absolute error is limited to 1.5 LSB or 3.0 ns,
whichever is greater, at every address.
The inherent pulse width error is the deviation of
the inherent width from its nominal value. It is
limited to 1.0 LSB or 2.0 ns, whichever is greater.
PULSE WIDTH STABILITY
The characteristics of CMOS integrated circuits
are strongly dependent on power supply and
temperature. The 3D3622 utilizes novel
compensation circuitry to minimize the
performance variations induced by fluctuations in
power supply and/or temperature.
With regard to stability, the output pulse width of
the 3D3622 at a given address, addr, can be split
into two components: the inherent pulse width
(tinh) and the relative pulse width (tPW – tinh).
These components exhibit very different stability
coefficients, both of which must be considered in
very critical applications.
The thermal coefficient of the relative pulse width
is limited to
±250 PPM/C (except for the -0.25),
which is equivalent to a variation, over the -40C
to 85C operating range, of
±1.5% (±9% for the
dash 0.25) from the room-temperature pulse
width. This holds for all dash numbers. The
thermal coefficient of the inherent pulse width is
nominally +20ps/C for dash numbers less than 5,
and +30ps/C for all other dash numbers.
The power supply sensitivity of the relative pulse
width is
±1.0% (±3.0% for the dash 0.25) over the
3.0V to 3.6V operating range, with respect to the
pulse width at the nominal 3.3V power supply.
This holds for all dash numbers. The sensitivity of
the inherent pulse width is nominally -5ps/mV for
all dash numbers.
It should also be noted that the DNL is also
adversely affected by thermal and supply
variations, particularly at the MSL/LSB
crossovers (ie, 63 to 64, 127 to 128, etc).
Doc #06008
DATA DELAY DEVICES, INC.
2
5/8/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - 3D3622D-5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3608 DATADELAY-3D3608 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
3D3608R-0.25 DATADELAY-3D3608R-0.25 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
3D3608R-0.5 DATADELAY-3D3608R-0.5 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
3D3608R-1 DATADELAY-3D3608R-1 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
3D3608R-10 DATADELAY-3D3608R-10 Datasheet
350Kb / 7P
   8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
More results

Similar Description - 3D3622D-5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7622 DATADELAY-3D7622 Datasheet
340Kb / 7P
   22-BIT PROGRAMMABLE PULSE GENERATOR
PPG312F DATADELAY-PPG312F Datasheet
46Kb / 5P
   12-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG312F)
PPG33F DATADELAY-PPG33F Datasheet
283Kb / 5P
   3-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG33F)
PPG36F DATADELAY-PPG36F Datasheet
50Kb / 5P
   6-BIT PROGRAMMABLE PULSE GENERATOR(SERIES PPG36F)
PPG38F DATADELAY-PPG38F Datasheet
42Kb / 5P
   8-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG38F)
logo
IC-Haus GmbH
IC149 ICHAUS-IC149_13 Datasheet
620Kb / 8P
   PROGRAMMABLE ns-PULSE GENERATOR
IC149 ICHAUS-IC149 Datasheet
4Mb / 6P
   PROGRAMMABLE ns-PULSE GENERATOR
logo
Dallas Semiconductor
DS1040 DALLAS-DS1040 Datasheet
111Kb / 6P
   Programmable One-Shot Pulse Generator
logo
Maxim Integrated Produc...
DS1040 MAXIM-DS1040 Datasheet
150Kb / 6P
   Programmable One-Shot Pulse Generator
111799
logo
Festo Corporation.
4025 FESTO-4025 Datasheet
78Kb / 1P
   Pulse generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com