Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7424-2 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D7424-2
Description  MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7424-2 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D7424-2 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7424-2 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7424-2 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7424-2 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7424-2 Datasheet HTML 5Page - Data Delay Devices, Inc. 3D7424-2 Datasheet HTML 6Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3D7424
APPLICATION NOTES
THEORY OF OPERATION
PROGRAMMED DELAY INTERFACE
The quad 4-bit programmable 3D7424 device
architecture is comprised of four independently
operating delay lines. Each delay line produces
at its output a replica of the signal present at its
input, shifted in time. A single delay line is
comprised of a number of delay cells connected
in series. Delay selection is achieved by routing
one output in each string of cells to its respective
output pin (O1-O4). The delay of each of the four
lines can be controlled independently, via the
serial interface, as described in the next section.
Figure 1 illustrates the main functional blocks of
the 3D7424 device. Since the device is a CMOS
design, all unused input pins must be returned to
well defined logic levels (VDD or GND). The
delays are adjusted by first shifting a 20-bit
programming word into the device via the SC and
SI pins, then strobing the AL signal to latch the
values. The bit sequence is shown in Table 2,
and the associated timing diagram is shown in
Figure 2. Each line has associated with it an
enable bit. Setting this bit low will force the
corresponding delay line output to a high
impedance state, while setting it high returns the
The change in delay from one address setting to
the next is called the increment, or LSB. It is
nominally equal to the device dash number. The
minimum delay, achieved by setting the address
of a line to zero, is called the inherent delay.
line to its normal operation. The device contains
an SO output, which can be used to cascade
multiple devices, as shown in Figure 3.
TABLE 2: BIT SEQUENCE
For best performance, it is essential that the
power supply pin be adequately bypassed and
filtered. In addition, the power bus should be of
as low an impedance construction as possible.
Power planes are preferred. Also, signal traces
should be kept as short as possible.
Bit
Delay
Line
Function
1
4
Output Enable
2
3
Output Enable
3
2
Output Enable
4
1
Output Enable
5
Address Bit 3
6
Address Bit 2
7
Address Bit 1
8
1
Address Bit 0
9
Address Bit 3
10
Address Bit 2
11
Address Bit 1
12
2
Address Bit 0
13
Address Bit 3
14
Address Bit 2
15
Address Bit 1
16
3
Address Bit 0
17
Address Bit 3
18
Address Bit 2
19
Address Bit 1
20
4
Address Bit 0
DELAY
LINE
20-BIT LATCH
20-BIT SHIFT REGISTER
SO
Figure 1: Functional block diagram
DELAY
LINE
DELAY
LINE
DELAY
LINE
I4
I3
I2
I1
O4
O3
O2
O1
AL
SI
SC
ENABLES
ADDR4
ADDR3
ADDR2
ADDR1
NEW
VALUES
NEW
BIT 1
NEW
BIT 20
NEW
BIT 2
OLD
BIT 1
OLD
BIT 2
OLD
BIT 20
LATCH
(AL)
CLOCK
(SC)
SERIAL
INPUT
(SI)
SERIAL
OUTPUT
(SO)
DELAY
TIMES
tLW
tCW
tCW
tCSL
tDSC
tDHC
tPCQ
tLDV
tLDX
PREVIOUS VALUES
Figure 2: Serial interface timing diagram
NEW
BIT 1
Doc #06019
DATA DELAY DEVICES, INC.
2
6/5/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - 3D7424-2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428-0.25 DATADELAY-3D7428-0.25 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428-0.25 DATADELAY-3D7428-0.25 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428-0.5 DATADELAY-3D7428-0.5 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428-0.5 DATADELAY-3D7428-0.5 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
More results

Similar Description - 3D7424-2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3424 DATADELAY-3D3424 Datasheet
357Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE
3D7444 DATADELAY-3D7444 Datasheet
316Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7444)
3D3444 DATADELAY-3D3444 Datasheet
313Kb / 6P
   MONOLITHIC QUAD 4-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3444)
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
PDU14F DATADELAY-PDU14F Datasheet
58Kb / 5P
   4-BIT PROGRAMMABLE DELAY LINE
logo
Dallas Semiconductor
DS1045 DALLAS-DS1045 Datasheet
95Kb / 6P
   4-Bit Dual Programmable Delay Line
logo
Data Delay Devices, Inc...
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com