Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7428-2 Datasheet(PDF) 6 Page - Data Delay Devices, Inc.

Part # 3D7428-2
Description  MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7428-2 Datasheet(HTML) 6 Page - Data Delay Devices, Inc.

  3D7428-2 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7428-2 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7428-2 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7428-2 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7428-2 Datasheet HTML 5Page - Data Delay Devices, Inc. 3D7428-2 Datasheet HTML 6Page - Data Delay Devices, Inc. 3D7428-2 Datasheet HTML 7Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3D7428
DEVICE SPECIFICATIONS
TABLE 3: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Input Pin Current
IIN
-10
10
mA
25C
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 4: DC ELECTRICAL CHARACTERISTICS
(-40C to 85C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Static Supply Current*
IDD
3.0
5.0
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
1.0
µA
VIH = VDD
Low Level Input Current
IIL
1.0
µA
VIL = 0V
High Level Output
Current
IOH
-35.0
-4.0
mA
VDD = 4.75V
VOH = 2.4V
Low Level Output Current
IOL
4.0
15.0
mA
VDD = 4.75V
VOL = 0.4V
Output Rise & Fall Time
TR & TF
2.0
2.5
ns
CLD = 5 pf
*IDD(Dynamic) = CLD * VDD * F
Input Capacitance = 10 pf typical
where: CLD = Average capacitance load/line (pf)
Output Load Capacitance (CLD) = 25 pf max
F = Input frequency (GHz)
TABLE 5: AC ELECTRICAL CHARACTERISTICS
(-40C to 85C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Clock Frequency
fC
80
MHz
Enable Width
tEW
10
ns
Clock Width
tCW
10
ns
Data Setup to Clock
tDSC
10
ns
Data Hold from Clock
tDHC
3
ns
Data Setup to Enable
tDSE
10
ns
Data Hold from Enable
tDHE
3
ns
Enable to Serial Output Valid
tEQV
20
ns
Enable to Serial Output High-Z
tEQZ
20
ns
Clock to Serial Output Valid
tCQV
20
ns
Clock to Serial Output Invalid
tCQX
10
ns
Enable Setup to Clock
tES
10
ns
Enable Hold from Clock
tEH
10
ns
Parallel Input Valid to Delay Valid
tPDV
20
40
ns
1
Parallel Input Change to Delay Invalid
tPDX
0
ns
1
Enable to Delay Valid
tEDV
35
45
ns
1
Enable to Delay Invalid
tEDX
0
ns
1
Input Pulse Width
tWI
8
% of Total Delay
See Table 1
Input Period
Period
20
% of Total Delay
See Table 1
Input to Output Delay
tPLH, tPHL
ns
See Table 2
NOTES: 1 - Refer to PROGRAMMED DELAY UPDATE section
Doc #03003
DATA DELAY DEVICES, INC.
6
5/8/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - 3D7428-2

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7428-2 DATADELAY-3D7428-2 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428-2.5 DATADELAY-3D7428-2.5 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428-20 DATADELAY-3D7428-20 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
More results

Similar Description - 3D7428-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D7438 DATADELAY-3D7438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3438 DATADELAY-3D3438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
logo
Maxim Integrated Produc...
DS1020S-15 MAXIM-DS1020S-15 Datasheet
196Kb / 9P
   Programmable 8-Bit Silicon Delay Line
111799
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com