Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7701Z-0.3 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D7701Z-0.3
Description  MONOLITHIC GATED DELAY LINE OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7701Z-0.3 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D7701Z-0.3 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7701Z-0.3 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7701Z-0.3 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7701Z-0.3 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3D7701
APPLICATION NOTES
OPERATIONAL DESCRIPTION
The 3D7701 delay line oscillator architecture is
shown in Figure 1. The internal delay line is
composed of a number of delay cells connected
in series and is compensated for thermal and
supply voltage variations. A low-going edge on
the EN input starts the oscillator, with the O2
output responding immediately. The O1 output is
delayed by ½ cycle. The response of the output
when the oscillator is disabled depends on the
status of O2 when the EN signal goes high, as
shown in Figure 2. If O2 is low, it will remain low,
and the final pulse on O1 will be ½ of the period.
If O2 is high, it will go low as soon as EN goes
high, and the final pulse on both outputs will have
a width smaller than ½ the period.
Temp & Vdd
Compensation
Figure 1: 3D7701 Functional Diagram
Delay Line
EN
VDD
GND
EN
O1
O2
O1
O2
Figure 2: 3D7701 Timing Diagrams
EN
O1
O2
5ns typ
5ns typ
5ns typ
Doc #06023
DATA DELAY DEVICES, INC.
2
12/5/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - 3D7701Z-0.3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7702 DATADELAY-3D7702 Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
3D7702Z-EN DATADELAY-3D7702Z-EN Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
3D7702Z-GND DATADELAY-3D7702Z-GND Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
3D7702Z-NC DATADELAY-3D7702Z-NC Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
3D7702Z-O1 DATADELAY-3D7702Z-O1 Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
More results

Similar Description - 3D7701Z-0.3

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3701 DATADELAY-3D3701 Datasheet
221Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR
3D7702 DATADELAY-3D7702 Datasheet
241Kb / 5P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D7702)
3D3702 DATADELAY-3D3702 Datasheet
240Kb / 4P
   MONOLITHIC GATED DELAY LINE OSCILLATOR (SERIES 3D3702)
DLO-50 DATADELAY-DLO-50 Datasheet
111Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO-34F DATADELAY-DLO-34F Datasheet
120Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO-36F DATADELAY-DLO-36F Datasheet
112Kb / 1P
   GATED-DELAY LINE OSCILLATOR
DLO32F DATADELAY-DLO32F Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR
DLO31F DATADELAY-DLO31F Datasheet
48Kb / 4P
   TTL-INTERFACED, GATED DELAY LINE OSCILLATOR (SERIES DLO31F)
3D7303 DATADELAY-3D7303 Datasheet
39Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
3D7323 DATADELAY-3D7323 Datasheet
256Kb / 4P
   MONOLITHIC TRIPLE FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com