Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D7428-7.5 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D7428-7.5
Description  MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7428-7.5 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D7428-7.5 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7428-7.5 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7428-7.5 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7428-7.5 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7428-7.5 Datasheet HTML 5Page - Data Delay Devices, Inc. 3D7428-7.5 Datasheet HTML 6Page - Data Delay Devices, Inc. 3D7428-7.5 Datasheet HTML 7Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3D7428
APPLICATION NOTES
The inherent delay error is the deviation of the
inherent delay from its nominal value. It is limited
to 1.0 LSB or 2.0 ns, whichever is greater.
GENERAL INFORMATION
The 8-bit programmable 3D7428 delay line
architecture is comprised of a number of delay
cells connected in series with their respective
outputs multiplexed onto the Delay Out pin (OUT)
by the user-selected programming data (the
address). Each delay cell produces at its output a
replica of the signal present at its input, shifted in
time. The change in delay from one address
setting to the next is called the increment, or
LSB. It is nominally equal to the device dash
number. The minimum delay, achieved by setting
the address to zero, is called the inherent delay.
DELAY STABILITY
The delay of CMOS integrated circuits is strongly
dependent on power supply and temperature.
The 3D7428 utilizes novel compensation circuitry
to minimize the delay variations induced by
fluctuations in power supply and/or temperature.
With regard to stability, the delay of the 3D7428
at a given address, i, can be split into two
components: the inherent delay (T0) and the
relative delay (Ti – T0). These components exhibit
very different stability coefficients, both of which
must be considered in very critical applications.
For best performance, it is essential that the
power supply pin be adequately bypassed and
filtered. In addition, the power bus should be of
as low an impedance construction as possible.
Power planes are preferred. Also, signal traces
should be kept as short as possible.
The thermal coefficient of the relative delay is
limited to
±250 PPM/C, which is equivalent to a
variation, over the -40C to 85C operating range,
of
±1.5% from the room-temperature delay
settings. This holds for all dash numbers. The
thermal coefficient of the inherent delay is
nominally +10ps/C for dash numbers less than 1,
and +15ps/C for all other dash numbers.
DELAY ACCURACY
There are a number of ways of characterizing the
delay accuracy of a programmable line. The first
is the differential nonlinearity (DNL), also referred
to as the increment error. It is defined as the
deviation of the increment at a given address
from its nominal value. For most dash numbers,
the DNL is within 0.5 LSB at every address (see
Table 1: Delay Step).
The power supply sensitivity of the relative delay
is
±0.5% over the 4.75V to 5.25V operating
range, with respect to the delay settings at the
nominal 5.0V power supply. This holds for all
dash numbers. The sensitivity of the inherent
delay is nominally –1ps/mV for all dash numbers.
The integrated nonlinearity (INL) is determined
by first constructing the least-squares best fit
straight line through the delay-versus-address
data. The INL is then the deviation of a given
delay from this line. For all dash numbers, the
INL is within 1.0 LSB at every address.
INPUT SIGNAL CHARACTERISTICS
The frequency and/or pulse width (high or low) of
operation may adversely impact the specified
delay and increment accuracy of the particular
device. The reasons for the dependency of the
output delay accuracy on the input signal
characteristics are varied and complex.
Therefore a recommended maximum and an
absolute maximum operating input frequency and
a recommended minimum and an absolute
minimum operating pulse width have been
specified.
The relative error is defined as follows:
erel = (Ti – T0) – i * Tinc
where i is the address, Ti is the measured delay
at the i’th address, T0 is the measured inherent
delay, and Tinc is the nominal increment. It is very
similar to the INL, but simpler to calculate. For
most dash numbers, the relative error is less than
1.0 LSB at every address (see Table 1: Delay
Range).
OPERATING FREQUENCY
The absolute maximum operating frequency
specification, tabulated in Table 1, determines
the highest frequency of the delay line input
signal that can be reproduced, shifted in time at
the device output, with acceptable duty cycle
The absolute error is defined as follows:
eabs = Ti – (Tinh + i * Tinc)
where Tinh is the nominal inherent delay. The
absolute error is limited to 1.5 LSB or 3.0 ns,
whichever is greater, at every address.
Doc #03003
DATA DELAY DEVICES, INC.
2
5/8/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com


Similar Part No. - 3D7428-7.5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7428-7.5 DATADELAY-3D7428-7.5 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
More results

Similar Description - 3D7428-7.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D7438 DATADELAY-3D7438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3438 DATADELAY-3D3438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
DS1020 DALLAS-DS1020 Datasheet
191Kb / 9P
   Programmable 8-Bit Silicon Delay Line
logo
Maxim Integrated Produc...
DS1020S-15 MAXIM-DS1020S-15 Datasheet
196Kb / 9P
   Programmable 8-Bit Silicon Delay Line
111799
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com